Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PVDZ172N Datasheet(PDF) 1 Page - International Rectifier

Part # PVDZ172N
Description  POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V DC, 1.5A
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PVDZ172N Datasheet(HTML) 1 Page - International Rectifier

  PVDZ172N Datasheet HTML 1Page - International Rectifier PVDZ172N Datasheet HTML 2Page - International Rectifier PVDZ172N Datasheet HTML 3Page - International Rectifier PVDZ172N Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Data Sheet No. 1.039
PVDZ172N
Microelectronic
Power IC Relay
Single Pole, Normally Open
0-60V DC, 1.5A
HEXFET® POWER MOSFET PHOTOVOLTAIC RELAY
General Description
The PVDZ172N Photovoltaic Relay is a single-
pole, normally open solid state relay that can
replace electromechanical relays used for gen-
eral purpose switching of DC loads. It utilizes
International Rectifier’s HEXFET power MOS-
FET as the output switch, driven by an integrated
circuit photovoltaic generator of novel construc-
tion. The output switch is controlled by radiation
from a GaAlAs light emitting diode (LED) which
is optically isolated from the photovoltaic gen-
erator.
These units overcome the limitations of both
electromechanical and reed relays by offering
the solid-state advantages of high sensitivity,
miniaturization, no contact bounce, long opera-
tional life, insensitivity to external magnetic fields,
shock and vibration, and high reliability inherent
with solid state technology. They are ideally
suited for switching high currents or low level
signals without distortion or injection of electri-
cal noise.
These relays are packaged in 8-pin, molded
DIP packages and available with thru-hole and
SMT (gull-wing) leads, in plastic shipping tubes.
PVDZ172N Features
250mW On-Resistance s
s
s
s
s
Bounce-free Operation s
s
s
s
s
1.5 Amp capacity s
s
s
s
s
4000 VRMS I/O isolation s
s
s
s
s
Solid-State reliability s
s
s
s
s
UL recognition and CSA certification pending s
s
s
s
s
Applications
Portable Electronics s
s
s
s
s
Programmable Logic Controllers s
s
s
s
s
Computers and Peripheral Devices s
s
s
s
s
Audio Equipment s
s
s
s
s
Power Supplies and Power Distribution s
s
s
s
s
Instrumentation s
s
s
s
s
Part Identification
PVDZ172N
thru-hole
PVDZ172NS
SMT (gull-wing)
(HEXFET is the registered trademark for International Rectifier Power MOSFETs)
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - PVDZ172N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVDZ172N IRF-PVDZ172N Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVDZ172NPBF IRF-PVDZ172NPBF Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVDZ172NPBF IRF-PVDZ172NPBF Datasheet
199Kb / 6P
   Bounce-Free Operation
PVDZ172NPBF IRF-PVDZ172NPBF_15 Datasheet
199Kb / 6P
   Bounce-Free Operation
PVDZ172NS IRF-PVDZ172NS Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
More results

Similar Description - PVDZ172N

ManufacturerPart #DatasheetDescription
logo
International Rectifier
PVDZ172N IRF-PVDZ172N_06 Datasheet
105Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open 0-60V DC, 1.5A
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVG612 IRF-PVG612 Datasheet
274Kb / 4P
   Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-60V, 1.0A AC/ 2.0 A DC
PVN012 IRF-PVN012 Datasheet
245Kb / 4P
   Power MOSFET Photovoltaic Relay Microelectronic Power IC Relay Single Pole, Normally Open, 0-20V, 2.5A AC/ 4.5A DC
PVG612A IRF-PVG612A Datasheet
112Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-60V, 2.0A AC/ 4.0 A DC
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
PVT422PBF IRF-PVT422PBF_08 Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Dual Pole, Normally Open
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com