Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4540 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN4540
Description  MHL link filtering and protection
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4540 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN4540 Datasheet HTML 3Page - STMicroelectronics AN4540 Datasheet HTML 4Page - STMicroelectronics AN4540 Datasheet HTML 5Page - STMicroelectronics AN4540 Datasheet HTML 6Page - STMicroelectronics AN4540 Datasheet HTML 7Page - STMicroelectronics AN4540 Datasheet HTML 8Page - STMicroelectronics AN4540 Datasheet HTML 9Page - STMicroelectronics AN4540 Datasheet HTML 10Page - STMicroelectronics AN4540 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
DocID026512 Rev 1
7/11
AN4540
Solutions offered by STMicroelectronics
11
Figure 8. Common mode attenuation comparison
The attenuation in the GSM frequencies and the clock signal integrity are very difficult to get
due to the technology with CMF standard. Indeed, the attenuation curve has to be translated
into high frequencies, limiting the attenuation performance in the frequency range.
ESD protection on the data lines as well as on CBUS line is a benefit given by the ECMF02-
3HSM6. Its sharp clamping allows the transmitter to be protected against various surges
such as ESD strikes. Furthermore, clamping robustness is guaranteed for more than one
thousand discharges. Figure 9 shows the clamping response comparison between the
ECMF02-3HSM6 and CMF including MOV devices at 8 kV in contact mode. Clamping levels
are much better with the silicon solution. Moreover, the difference is more important when
ESD strike level is lower.
Figure 9. IEC61000-4-2 clamping comparison (VPP = ± 8 kV)
Figure 10 shows responses at 1 kV.


Similar Part No. - AN4540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4541 STMICROELECTRONICS-AN4541 Datasheet
1Mb / 21P
   high-speed SD card protection and filtering devices
AN4544 STMICROELECTRONICS-AN4544 Datasheet
2Mb / 35P
   IGBT datasheet tutorial
AN4545 STMICROELECTRONICS-AN4545 Datasheet
695Kb / 27P
   VL6180X basic ranging application note
AN4547 STMICROELECTRONICS-AN4547 Datasheet
151Kb / 6P
   Designers of STM32 microcontroller applications must have the possibility
More results

Similar Description - AN4540

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PF1714WLP15 KEC-PF1714WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
PF1710WLP15 KEC-PF1710WLP15 Datasheet
434Kb / 1P
   For EMI Filtering and ESD Protection.
logo
Silicon image
SII9222 SILICONIMAGE-SII9222 Datasheet
136Kb / 2P
   Mobile High-Definition Link (MHL) Technology Transmitter
logo
STMicroelectronics
STEVAL-OET004V1 STMICROELECTRONICS-STEVAL-OET004V1 Datasheet
333Kb / 5P
   USB Type-C protection and filtering evaluation PCBs
December 2016 Rev 2
logo
Texas Instruments
TS3USB3031 TI1-TS3USB3031 Datasheet
699Kb / 19P
[Old version datasheet]   DUAL USB 2.0 HIGH-SPEED (480Mbps) AND MOBILE HIGH-DEFINITION LINK (MHL)
logo
STMicroelectronics
AN4541 STMICROELECTRONICS-AN4541 Datasheet
1Mb / 21P
   high-speed SD card protection and filtering devices
logo
Texas Instruments
TS3USB3000 TI-TS3USB3000 Datasheet
1Mb / 22P
[Old version datasheet]   DPDT USB 2.0 High-Speed (480Mbps) and Mobile High-Definition Link (MHL) Switch
logo
STMicroelectronics
EMIF06-MSD02C3 STMICROELECTRONICS-EMIF06-MSD02C3 Datasheet
613Kb / 11P
   Mini and micro-SD card IPAD??EMI filtering and ESD protection
logo
Fairchild Semiconductor
FSA3031 FAIRCHILD-FSA3031 Datasheet
1Mb / 3P
   Dual High-Speed USB2.0 with Mobile High-Definition Link (MHL??
logo
Silicon image
SII1292CNUC SILICONIMAGE-SII1292CNUC Datasheet
267Kb / 8P
   MHL Bridge and HDMI Monitor Receiver
2010-2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com