Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HAT2058R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HAT2058R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2058R Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2058R_15 Datasheet HTML 1Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 2Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 3Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 4Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 5Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 6Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 7Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 8Page - Renesas Technology Corp HAT2058R_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAT2058R
Preliminary
REJ03G1174-0300 Rev.3.00 Aug 25, 2009
Page 3 of 7
Main Characteristics
Ambient Temperature
Ta (°C)
Power vs. Temperature Derating
Drain to Source Voltage
VDS (V)
Maximum Safe Operation Area
Drain to Source Voltage
VDS (V)
Typical Output Characteristics
Gate to Source Voltage
VGS (V)
Typical Transfer Characteristics
Note 6:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
4.0
0
1.0
2.0
3.0
0
50
100
150
200
100
30
10
3
1
0.3
0.1
0.03
0.01
0.1 0.3
1
3
30
300
10
100
1000
20
0
4
8
12
16
02
4
6
8
10
4 V
VGS = 2 V
10
0
2
4
6
8
0
1
23
45
25°C
Operation in
this area is
limited by RDS (on)
Pulse Test
VDS = 10 V
Pulse Test
Test Condition:
When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm), PW ≤ 10 s
Gate to Source Voltage
VGS (V)
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
Drain Current
ID (A)
Static Drain to Source on State Resistance
vs. Drain Current
1.0
0
0.2
0.4
0.6
0.8
0
4
8
12
16
20
1 A
2 A
ID = 4 A
0.1 0.2
0.5
1
2
10
520
50
0.5
0.2
0.1
0.02
0.05
0.01
Pulse Test
DC
Operation
(PW
≤ 10
s)
PW
=
10
ms
Note
6
1 ms
10
μs
100
μs
6 V
–25°C
Tc = 75°C
1 Drive
Operation
10 V
VGS = 4 V
Pulse Test
10 V
Ta = 25°C
1 shot Pulse
1 Drive Operation


Similar Part No. - HAT2058R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2058R-EL-E RENESAS-HAT2058R-EL-E Datasheet
101Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R-EL-E RENESAS-HAT2058R-EL-E Datasheet
233Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058RJ RENESAS-HAT2058RJ Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058RJ RENESAS-HAT2058RJ Datasheet
101Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058RJ-EL-E RENESAS-HAT2058RJ-EL-E Datasheet
101Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results

Similar Description - HAT2058R_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT2026R RENESAS-HAT2026R_15 Datasheet
108Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE Datasheet
126Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2058R RENESAS-HAT2058R Datasheet
86Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Hitachi Semiconductor
HAT2025R HITACHI-HAT2025R Datasheet
51Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2033R HITACHI-HAT2033R Datasheet
56Kb / 10P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2049T HITACHI-HAT2049T Datasheet
52Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2050T HITACHI-HAT2050T Datasheet
57Kb / 9P
   Silicon N Channel Power MOS FET High Speed Power Switching
logo
Renesas Technology Corp
RJK0631JPD RENESAS-RJK0631JPD_13 Datasheet
99Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
RJK0631JPE RENESAS-RJK0631JPE_13 Datasheet
101Kb / 7P
   Silicon N Channel Power MOS FET High Speed Power Switching
HAT2092R RENESAS-HAT2092R Datasheet
80Kb / 8P
   Silicon N Channel Power MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com