Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

TGA4894-SL Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part No. TGA4894-SL
Description  100Gb/s Dual Channel Linear Driver
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

TGA4894-SL Datasheet(HTML) 1 Page - TriQuint Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TGA4894-SL
100Gb/s Dual Channel Linear Driver
Preliminary Datasheet: Rev - 12-19-2013
- 1 of 1 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Applications
100 Gb/s Linear Driver: DP-QPSK
Product Features
100 Gb/s Linear Performance
Dual Channel, Single Ended Input and Output
Integrated broadband RF Chokes
Package Size: 16.1 x 10.6 x 3.6 mm
Functional Block Diagram
Vd = 7 V, Vc1= 0.5 V, Vc2 = 0.9 V, Vc3 = 1.13 V
Id1 = 32 mA, Id2 = 65 mA, Id3 = 210 mA
General Description
The TriQuint TGA4894-SL is a dual channel optical
modulator linear driver amplifier designed for 100 Gb/s
optical markets.
The TGA4894-SL consists of two channels of high
performance wideband amplifiers and integrated
broadband RF Chokes assembled in a 16.1 x 10.6 x
3.6 mm package, requiring a minimum of off-chip
components. Two TGA4894-SLs placed between the
MUX and Optical Modulator provides OEMs with a
modulator linear driver surface mount solution.
The TGA4894-SL is lead-free and RoHS compliant.
Evaluation boards and bias boards are available upon
request.
Ordering Information
Part No.
ECCN
Description
TGA4894-SL
5A991.b
Dual Channel 100 Gb/s
Linear Modulator Driver
Pin Configuration
-50
-40
-30
-20
-10
0
0
5
10
15
20
25
30
35
40
Frequency (GHz)
Channel Isolation vs. Frequency
Vd = 7 V, Vc1 = 0.5 V, Vc2 = 0.9 V, Vc3 = 1.13 V,
Id1 = 32 mA, Id2 = 65 mA, Id3 = 210 mA, 25 ºC
ISO_Q
ISO_I


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn