Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAAD-007080-000100 Datasheet(PDF) 5 Page - M/A-COM Technology Solutions, Inc.

Part # MAAD-007080-000100
Description  Digital Attenuator
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MAAD-007080-000100 Datasheet(HTML) 5 Page - M/A-COM Technology Solutions, Inc.

  MAAD-007080-000100_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAAD-007080-000100_15 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Digital Attenuator
50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
Rev. V4
MAAD-007080-000100
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
5
ADVANCED:
Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY:
Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
VSWR, 4 dB BIt
VSWR, 8 dB Bit
VSWR, 16 dB Bit
Typical Performance Curves
VSWR, 32 dB Bit
VSWR, Maximum attenuation
VSWR, 2 dB Bit
1.0
1.2
1.4
1.6
1.8
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
Input
Out put
1.0
1.2
1.4
1.6
1.8
0
400
800
1200
1600
2000
2400
Frequency (MHz)
Input
Out put
1.0
1.2
1.4
1.6
1.8
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
Inp ut
O ut p ut
1.00
1.20
1.40
1.60
0
400
800
1200
1600
2000
2400
Fre que ncy (MHz )
Inp ut
Out p ut
1.0
1.2
1.4
1.6
0
400
800
1200
1600
2000
2400
Frequency (MHz)
Inp ut
Out p ut


Similar Part No. - MAAD-007080-000100_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAD-007080-000100 MACOM-MAAD-007080-000100 Datasheet
292Kb / 6P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007080-000100 MA-COM-MAAD-007080-000100 Datasheet
171Kb / 7P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.4 GHz
More results

Similar Description - MAAD-007080-000100_15

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT-233-PIN MA-COM-AT-233-PIN_15 Datasheet
122Kb / 4P
   Digital Attenuator
MAAD-007083-000100 MA-COM-MAAD-007083-000100_15 Datasheet
147Kb / 4P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012_15 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0016 MA-COM-MAATSS0016_15 Datasheet
121Kb / 4P
   Digital Attenuator
MAAD-007086 MA-COM-MAAD-007086_15 Datasheet
719Kb / 7P
   Digital Attenuator
MAAD-011021 MA-COM-MAAD-011021 Datasheet
944Kb / 8P
   Digital Attenuator
MAADCC0006 MA-COM-MAADCC0006 Datasheet
180Kb / 5P
   Digital Attenuator
MAADSS0009 MA-COM-MAADSS0009 Datasheet
72Kb / 3P
   Digital Attenuator
MAATCC0012 MA-COM-MAATCC0012 Datasheet
152Kb / 5P
   Digital Attenuator
MAATSS0017 MA-COM-MAATSS0017 Datasheet
143Kb / 5P
   Digital Attenuator
MAATSS0018 MA-COM-MAATSS0018 Datasheet
126Kb / 3P
   Digital Attenuator
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com