Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JANTX2N6790 Datasheet(PDF) 3 Page - International Rectifier

Part # JANTX2N6790
Description  POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.80ohm, Id=3.5A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

JANTX2N6790 Datasheet(HTML) 3 Page - International Rectifier

  JANTX2N6790 Datasheet HTML 1Page - International Rectifier JANTX2N6790 Datasheet HTML 2Page - International Rectifier JANTX2N6790 Datasheet HTML 3Page - International Rectifier JANTX2N6790 Datasheet HTML 4Page - International Rectifier JANTX2N6790 Datasheet HTML 5Page - International Rectifier JANTX2N6790 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Fig. 1 — Typical Output Characteristics
TC = 25°C
Fig. 2 — Typical Output Characteristics
TC = 150°C
Fig. 3 — Typical Transfer Characteristics
Fig. 4 — Normalized On-Resistance Vs.Temperature
Fig. 5 — Typical Capacitance Vs. Drain-to-Source
Voltage
Fig. 6 — Typical Gate Charge Vs. Gate-to-Source
Voltage
JANTX2N6790, JANTXV2N6790 Device
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - JANTX2N6790

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6790 IRF-JANTX2N6790 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
JANTX2N6790 IRF-JANTX2N6790_15 Datasheet
199Kb / 7P
   Repetitive Avalanche Ratings
More results

Similar Description - JANTX2N6790

ManufacturerPart #DatasheetDescription
logo
International Rectifier
JANTX2N6806 IRF-JANTX2N6806 Datasheet
241Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
JANTX2N6851 IRF-JANTX2N6851 Datasheet
282Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-200V, Rds(on)=0.80ohm, Id=-4.0A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
IRL620S IRF-IRL620S Datasheet
502Kb / 9P
   Power MOSFET(Vdss=200V, Rds(on)=0.80ohm, Id=5.2A)
JANTX2N6798 IRF-JANTX2N6798 Datasheet
231Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.40ohm, Id=5.5A)
IRFY240CM IRF-IRFY240CM Datasheet
281Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.18ohm, Id=16A)
JANTX2N6766 IRF-JANTX2N6766 Datasheet
237Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.085ohm, Id=30A)
JANTX2N6784 IRF-JANTX2N6784 Datasheet
233Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=1.5ohm, Id=2.25A)
IRFN9240 IRF-IRFN9240 Datasheet
215Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=-200V, Rds(on)=0.51ohm, Id=-11A)
IRFN250 IRF-IRFN250 Datasheet
217Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=200V, Rds(on)=0.100ohm, Id=27.4A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com