Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1117CP Datasheet(PDF) 4 Page - International Rectifier

Part # IRU1117CP
Description  800mA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1117CP Datasheet(HTML) 4 Page - International Rectifier

  IRU1117CP Datasheet HTML 1Page - International Rectifier IRU1117CP Datasheet HTML 2Page - International Rectifier IRU1117CP Datasheet HTML 3Page - International Rectifier IRU1117CP Datasheet HTML 4Page - International Rectifier IRU1117CP Datasheet HTML 5Page - International Rectifier IRU1117CP Datasheet HTML 6Page - International Rectifier IRU1117CP Datasheet HTML 7Page - International Rectifier IRU1117CP Datasheet HTML 8Page - International Rectifier IRU1117CP Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
IRU1117
4
Rev. 1.8
02/04/03
www.irf.com
Output Voltage Setting
The IRU1117 can be programmed to any voltages in the
range of 1.25V to 5.5V with the addition of R1 and R2
external resistors according to the following formula:
Where:
VREF = 1.25V Typically
IADJ = 50
mA Typically
R1 and R2 as shown in Figure 3:
Figure 3 - Typical application of the IRU1117
for programming the output voltage.
The IRU1117 keeps a constant 1.25V between the out-
put pin and the adjust pin. By placing a resistor R1 across
these two pins a constant current flows through R1, add-
ing to the IADJ current and into the R2 resistor producing
a voltage equal to the (1.25/R1)
3R2 + IADJ3R2 which
will be added to the 1.25V to set the output voltage.
This is summarized in the above equation. Since the
minimum load current requirement of the IRU1117 is
10mA, R1 is typically selected to be 121
V resistor so
that it automatically satisfies the minimum current re-
quirement. Notice that since IADJ is typically in the range
of 50
mA it only adds a small error to the output voltage
and should only be considered when a very precise out-
put voltage setting is required. For example, in a typical
3.3V application where R1=121
V and R2=200V the er-
ror due to IADJ is only 0.3% of the nominal set point.
Load Regulation
Since the IRU1117 is only a three-terminal device, it is
not possible to provide true remote sensing of the output
voltage at the load. Figure 4 shows that the best load
regulation is achieved when the bottom side of R2 is
connected to the load and the top side of R1 resistor is
connected directly to the case or the VOUT pin of the
regulator and not to the load. In fact, if R1 is connected
to the load side, the effective resistance between the
regulator and the load is multiplied by the factor of (1+R2/
R1), or the effective resistance will be RP(eff)=RP
3(1+R2/
R1). It is important to note that for high current applica-
tions, this can represent a significant percentage of the
overall load regulation and one must keep the path from
the regulator to the load as short as possible to mini-
mize this effect.
Figure 4 - Schematic showing connection
for best load regulation.
Stability
The IRU1117 requires the use of an output capacitor as
part of the frequency compensation in order to make the
regulator stable. Typical designs for microprocessor ap-
plications use standard electrolytic capacitors with a
typical ESR in the range of 50 to 100m
V and an output
capacitance of 500 to 1000
mF. Fortunately as the ca-
pacitance increases, the ESR decreases resulting in a
fixed RC time constant. The IRU1117 takes advantage
of this phenomenon in making the overall regulator loop
stable. For most applications a minimum of 100
mF alu-
minum electrolytic capacitor such as Sanyo MVGX se-
ries, Panasonic FA series as well as the Nichicon PL
series insures both stability and good transient response.
Thermal Design
The IRU1117 incorporates an internal thermal shutdown
that protects the device when the junction temperature
exceeds the maximum allowable junction temperature.
Although this device can operate with junction tempera-
tures in the range of 150
8C, it is recommended that the
heat sink be selected such that during maximum con-
tinuous load operation the junction temperature is kept
below this number. The example below for a SCSI termi-
nator application shows the steps in selecting the proper
regulator in a surface-mount package. (See IRU1015 for
non-surface-mount packages)
VOUT
R1
R2
VIN
VREF
IADJ = 50uA
IRU1117
Adj
VOUT
VIN
R1
R2
VIN
RL
RP
PARASITICLINE
RESISTANCE
IRU1117
Adj
VOUT
VIN
VOUT = VREF
3 1+
+IADJ
3R2
R2
R1
(
)


Similar Part No. - IRU1117CP

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1117-18 IRF-IRU1117-18 Datasheet
75Kb / 4P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CD IRF-IRU1117-18CD Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CP IRF-IRU1117-18CP Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CS IRF-IRU1117-18CS Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1117-18CSPBF IRF-IRU1117-18CSPBF Datasheet
115Kb / 8P
   800mA LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1117CP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
74802 VISHAY-74802 Datasheet
81Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
20-Feb-02
logo
Analog Intergrations Co...
AIC1117 AIC-AIC1117 Datasheet
111Kb / 7P
   800mA Low Dropout Positive Adjustable Regulator
AIC1732 AIC-AIC1732 Datasheet
98Kb / 6P
   800mA Low Dropout Positive Adjustable Regulator
AIC1117 AIC-AIC1117_15 Datasheet
260Kb / 12P
   800mA Low Dropout Positive Regulator
logo
Global Mixed-mode Techn...
G958 GMT-G958 Datasheet
149Kb / 7P
   800mA Adjustable Low-Dropout Linear Regulator
logo
Taiwan Semiconductor Co...
TS1117 TSC-TS1117 Datasheet
147Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117I TSC-TS1117I Datasheet
162Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117B TSC-TS1117B Datasheet
152Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
TS1117S TSC-TS1117S Datasheet
362Kb / 6P
   800mA Low Dropout Positive Voltage Regulator
logo
Anpec Electronics Corop...
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com