Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1075 Datasheet(PDF) 1 Page - International Rectifier

Part # IRU1075
Description  7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1075 Datasheet(HTML) 1 Page - International Rectifier

  IRU1075 Datasheet HTML 1Page - International Rectifier IRU1075 Datasheet HTML 2Page - International Rectifier IRU1075 Datasheet HTML 3Page - International Rectifier IRU1075 Datasheet HTML 4Page - International Rectifier IRU1075 Datasheet HTML 5Page - International Rectifier IRU1075 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
IRU1075
1
Rev. 1.1
06/29/01
TYPICAL APPLICATION
DESCRIPTION
The IRU1075 is a low dropout three-terminal adjustable
regulator with minimum of 7.5A output current capabil-
ity. This product is specifically designed to provide well
regulated supply for low voltage IC applications such as
Pentium
 P54C, P55C as well as GTL+ termina-
tion for Pentium Pro
 and Klamath processor appli-
cations. The IRU1075 is also well suited for other pro-
cessors such as Cyrix
, AMD and Power PC appli-
cations. The IRU1075 is guaranteed to have <1.2V drop-
out at full load current making it ideal to provide well
regulated outputs such as 3.3V with input supply volt-
age as low as 4.5V minimum.
Low Voltage Processor Applications such as:
P54C
,P55C, Cyrix M2,
POWER PC
, AMD
GTL+ Termination
PENTIUM PRO
, KLAMATH
Low Voltage Memory Termination Applications
Standard 3.3V Chip Set and Logic Applications
Notes: Pentium P54C, P55C, Klamath, Pentium Pro, VRE are trademarks of Intel Corp. Cyrix M2 is trademark of Cyrix Corp.
Power PC is trademark of IBM Corp.
Tj (°C)
3-PIN PLASTIC
3-PIN PLASTIC
3-PIN PLASTIC
TO-220 (T)
TO-263 (M)
Ultra Thin-Pak (P)
0 To 150
IRU1075CT
IRU1075CM
IRU1075CP
7.5A LOW DROPOUT POSITIVE
ADJUSTABLE REGULATOR
Data Sheet No. PD94128
PACKAGE ORDER INFORMATION
Typical application of IRU1075 in a 5V to 3.3V regulator
FEATURES
APPLICATIONS
1V Dropout at Full Load Current
Fast Transient Response
1% Voltage Reference Initial Accuracy
Output Current Limiting
Built-In Thermal Shutdown
Vout
5V
3.3V
R1
121
R2
200
C1
1500uF
C2
2x 1500uF
IRU1075
1075app1-1.0
1
2
3
Adj
Vin


Similar Part No. - IRU1075

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1010 IRF-IRU1010 Datasheet
95Kb / 6P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010 IRF-IRU1010 Datasheet
75Kb / 10P
   1A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18 IRF-IRU1010-18 Datasheet
128Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
IRU1010-18CD IRF-IRU1010-18CD Datasheet
123Kb / 8P
   1A LOW DROPOUT POSITIVE FIXED 1.8V REGULATOR
More results

Similar Description - IRU1075

ManufacturerPart #DatasheetDescription
logo
UNISEM
US1075 UNISEM-US1075 Datasheet
36Kb / 5P
   7.5A LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Linear Technology
RH1083M LINER-RH1083M_15 Datasheet
98Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK Datasheet
162Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083M LINER-RH1083M Datasheet
92Kb / 4P
   7.5A Low Dropout Positive Adjustable Regulator
RH1083CK LINER-RH1083CK_15 Datasheet
168Kb / 2P
   7.5A Low Dropout Positive Adjustable Regulator
logo
International Rectifier
IRU1175 IRF-IRU1175 Datasheet
50Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
UNISEM
US1175 UNISEM-US1175 Datasheet
35Kb / 5P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR
logo
Microsemi Corporation
LX8580A MICROSEMI-LX8580A Datasheet
172Kb / 8P
   7.5A Very Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS1083 TSC-TS1083_05 Datasheet
264Kb / 5P
   7.5A Low Dropout Positive Voltage Regulator
logo
International Rectifier
IRU1176 IRF-IRU1176 Datasheet
46Kb / 6P
   7.5A ULTRA LOW DROPOUT POSITIVE ADJUSTABLE REGULATOR WITH SHUTDOWN INPUT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com