Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

98268-1024 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 98268-1024
Description  1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 31 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

98268-1024 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  98268-1024 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/18/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
98268-1024
Status:
Active
Overview:
Premo-Flex™ FFC and Etched Polyimide Jumpers
Description:
1.25mm Pitch Premo-Flex™ FFC Jumper, Opposite Side Contacts (Type D), 31
Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
Replacement Part
Number:
82-26-5820
Documents:
Drawing (PDF)
Packaging Specification PK-98268-001 (PDF)
Product Specification PS-98268-001 (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
Cable
Series
98268
Comments
Contacts on opposite sides, Type D
Crimp Quality Equipment
Yes
Overview
Premo-Flex™ FFC and Etched Polyimide Jumpers
Product Name
Premo-Flex™FFC Jumper
Replacement Part Number
82-26-5820
UPC
800756951645
Physical
Cable Length
0.229m
Circuits (Loaded)
31
Circuits (maximum)
31
Packaging Type
Bag
Pitch - Termination Interface
1.25mm
Temperature Range - Operating
-40°C to +105°C
Wire Size AWG
N/A
Wire/Cable Type
Flat Flex Cable
Electrical
Current - Maximum per Contact
1.4A
Voltage - Maximum
60V AC
Material Info
Reference - Drawing Numbers
Packaging Specification
PK-98268-001
Product Specification
PS-98268-001
Sales Drawing
SD-98268-001
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
98268Series
Use With
<a href="www.molex.com/link/ffc-
fpc.html">Molex FFC – FPC connector</a>.
Be sure to match like plating
This document was generated on 12/18/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 98268-1024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98268-1020 MOLEX11-98268-1020 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 31 Circuits, 0.178m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1021 MOLEX11-98268-1021 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 31 Circuits, 0.178m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1022 MOLEX11-98268-1022 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 31 Circuits, 0.203m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1023 MOLEX11-98268-1023 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 31 Circuits, 0.203m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1025 MOLEX11-98268-1025 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Same Side Contacts (Type A), 31 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
More results

Similar Description - 98268-1024

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
98268-0738 MOLEX11-98268-0738 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 5 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0782 MOLEX11-98268-0782 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 9 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0914 MOLEX11-98268-0914 Datasheet
45Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 21 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1068 MOLEX11-98268-1068 Datasheet
45Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 35 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-1046 MOLEX11-98268-1046 Datasheet
45Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 33 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0184 MOLEX11-98268-0184 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 12 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0250 MOLEX11-98268-0250 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 18 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0294 MOLEX11-98268-0294 Datasheet
44Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 22 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0936 MOLEX11-98268-0936 Datasheet
45Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 23 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
98268-0716 MOLEX11-98268-0716 Datasheet
45Kb / 1P
   1.25mm Pitch Premo-Flex FFC Jumper, Opposite Side Contacts (Type D), 4 Circuits, 0.229m Cable Length, 0.22mm Cable Thickness, Tin(Sn) Plating
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com