Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZMD24C Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SZMD24C
Description  Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SZMD24C Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SZMD24C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SZMD24C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SZMD24C
100W, 24 V
Transient Voltage Suppressors
for ESD Protection
01-June-2002 Rev. A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RATINGS AND CHARACTERISTICS CURVES
Applications Information
Device Connection Options
The SZMD series is designed to protect one
bi-directional or two uni-directional data or l/O lines
operating at 24
volts.Connection options are as
follows:
‧Bidirectional:Pin 1 is connected to the data line and
pin 2 is connected to ground (Since the device lls
symmetrical,these conmtions may be re- Ver3ed).For
best results,the ground connection should be made
directly to a ground plane on the board.The path
length should be kept as short as possible to minimize
parasitic inductance-Pin 3 is not
connected. ‧Unidirectional:Data lines are connected
to pin1 and pin2.Pin 3 is connected to ground.For
best results,this pin should be connected directly to a
ground plane on the board.The path lengh should be
kept as short as possible to minimize parasitic
inductance.
Circuit Board Layout Recommendations
for suppres- sion of ESD. Good circuit board layout is
critical for the suppression of fast rise-time transients
such as ESD.The following guidelines are
recommended (Refer to application note Sl99.01 for
more detailed information): ‧Place the TVS near the
input terminals or connec- tors to restrict transient
coupling. ‧Minimize the path length between the
TVS and the protected line. ‧Minimize all conductive
loops including power and ground loops. ‧The ESD
transient return path toground should be kept as short
as possible. ‧Never run critical signals near board
edges
‧Use ground planes whenever possib|e.
0
10
20
30
40
50
60
70
80
90
100
110
0
5
10
15
20
25
30
Time (us)
e
-t
td = IPP /2
Wave form
Paramete rs:
tr = 8 s
td = 20 s
Pulse Waveform
0
10
20
30
40
50
60
70
80
90
100
110
0
25
50
75
100
125
150
Ambient Temperature - TA (oC)
Power Derating Curve
Clamping Voltage vs. Peak Pulse Current
0
10
20
30
4
0
50
60
0
1
2
3
Peak Pulse Current - IPP (A)
Waveform
Parameters
tr = 8µs
td = 20µ
S


Similar Part No. - SZMD24C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SZMD24C SECOS-SZMD24C Datasheet
210Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - SZMD24C_15

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
SZMD15C SECOS-SZMD15C_15 Datasheet
101Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com