Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SZMD15C Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # SZMD15C
Description  Transient Voltage Suppressors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SZMD15C Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SZMD15C_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SZMD15C_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SZMD15C
150 W, 15 V
Transient Voltage Suppressors
for ESD Protection
01-June-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Top View
A
L
C B
D
G
H
J
F
K
E
1
2
3
1
2
3
FEATURES
SOT-23 package for surface mount application
Protects 15V components
Protects two unidirectional line or one bi-direction line
APPLICATIONS
Cellular Handsets and Accessories
Portable devices
Industrial Controls
Set -Top Box
Servers, Notebook, and Desktop PC
Marking Code
KDL
ABSOLUTE RATINGS (Tamb = 25°C )
Rating
Symbol
Value
Units
IEC 61000-4-2 (ESD)
Air contact
Contact discharge
±15
±8
kV
kV
ESD voltage
Per human body model
16
kV
Total power dissipation on FR-5 Board (Note 1) @ TA=25℃
PD
150
mW
Junction and storage temperature range
TJ, TSTG
-55 ~ +150
°C
Lead solder temperature – maximum (10 Second duration)
TL
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Rating are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
1. FR-5 = 1.0*0.75*0.62 in.
ELECTRICAL CHARACTERISTICS
(Ratings at 25°C ambient temperature unless otherwise specified. VF = 0.9V at IF = 10mA)
VRWM
(V)
IR(uA)
@ VRWM
VBR (V)
@ IT (Note 2)
IT
(mA)
VC (V)
@ Max IPP
(Note 3)
IPP
(A)
(Note 3)
PPK
(W)*
C
(pF)
(Note 4)
Device
Max
Max
Min
mA
Max
Max
Max
Typ
SZMD15C
15
0.1
16.8
5.0
30
5
150
45
1. Other voltages available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25℃
3. Surge current waveform per Figure 3.
4. Measured at 1MHz 0V.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
SOT-23
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.80
3.00
G
0.10 REF.
B
2.25
2.55
H
0.55 REF.
C
1.20
1.40
J
0.08
0.15
D
0.90
1.15
K
0.5 REF.
E
1.80
2.00
L
0.95 TYP.
F
0.30
0.50
3
2
1


Similar Part No. - SZMD15C_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SZMD15C SECOS-SZMD15C Datasheet
101Kb / 2P
   Transient Voltage Suppressors for ESD Protection
More results

Similar Description - SZMD15C_15

ManufacturerPart #DatasheetDescription
logo
EPCOS
B72540E0170K062 EPCOS-B72540E0170K062 Datasheet
191Kb / 14P
   Ceramic transient voltage suppressors Ceramic transient voltage suppressors
logo
Fairchild Semiconductor
1V5KE6V8A FAIRCHILD-1V5KE6V8A Datasheet
85Kb / 4P
   Transient Voltage Suppressors
logo
Silicon Standard Corp.
SA5.0 SSC-SA5.0 Datasheet
677Kb / 8P
   Transient Voltage Suppressors
logo
ON Semiconductor
NUP3115UPMU ONSEMI-NUP3115UPMU Datasheet
157Kb / 4P
   Transient Voltage Suppressors
September, 2009??Rev. 1
logo
New Jersey Semi-Conduct...
TVS505 NJSEMI-TVS505 Datasheet
73Kb / 2P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
ESD05C SECOS-ESD05C_15 Datasheet
200Kb / 2P
   Transient Voltage Suppressors
SZMD03C SECOS-SZMD03C_15 Datasheet
193Kb / 2P
   Transient Voltage Suppressors
logo
Solid States Devices, I...
T00002B SSDI-T00002B Datasheet
96Kb / 2P
   Transient Voltage Suppressors
logo
Central Semiconductor C...
CSL05 CENTRAL-CSL05 Datasheet
280Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSORS
logo
SeCoS Halbleitertechnol...
SSESD05 SECOS-SSESD05_15 Datasheet
313Kb / 2P
   Transient Voltage Suppressors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com