Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17145 Datasheet(PDF) 30 Page - NEC

Part # UPD17145
Description  SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17145 Datasheet(HTML) 30 Page - NEC

Back Button UPD17145 Datasheet HTML 26Page - NEC UPD17145 Datasheet HTML 27Page - NEC UPD17145 Datasheet HTML 28Page - NEC UPD17145 Datasheet HTML 29Page - NEC UPD17145 Datasheet HTML 30Page - NEC UPD17145 Datasheet HTML 31Page - NEC UPD17145 Datasheet HTML 32Page - NEC UPD17145 Datasheet HTML 33Page - NEC UPD17145 Datasheet HTML 34Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 102 page
background image
30
µPD17145(A1), 17147(A1), 17149(A1)
11. PORTS
11.1 Port 0A (P0A0, P0A1, P0A2, P0A3)
Port 0A is a 4-bit I/O port with an output latch. It is mapped at address 70H of BANK0 of the data memory.
The output format is CMOS push-pull output.
This port can be set in the input or output mode in 4-bit units. The input or output mode is specified by P0AGIO
(bit 0 of address 2CH) on the register file.
When P0AGIO = 0, all the pins of port 0A are set in the input mode. When an instruction that reads the data
of the port register is executed at this time, the pin status is read.
When P0AGIO = 1, all the pins of port 0A are set in the output mode, and the contents written to the output
latch are output to the pins. When an instruction that reads the port status is executed with the port set in the
output mode, the contents of the output latch, instead of the pin status, are read.
A pull-up resistor can be connected on-chip to this port through software. Whether the pull-up resistor is
connected is specified by P0AGPU (bit 0 at address 0CH) of the register file. All the four pins are pulled up
when P0AGPU = 1. When P0AGPU = 0, the pull-up resistor is not connected.
P0AGIO and P0AGPU are cleared to “0” at reset, and all the P0A pins are set in the input mode without the
pull-up resistor connected. The value of the output latch is also cleared to “0”.
Table 11-1. Writing and Reading Port Register (0.70H)
P0AGIO
Input/Output
BANK0 70H
RF: 2CH, bit 0
Mode of Pin
Write
Read
0
Input
Enabled
P0A pin status
1
Output
Write to P0A latch
P0A latch contents


Similar Part No. - UPD17145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17145 RENESAS-UPD17145 Datasheet
2Mb / 104P
   MOS INTEGRATED CIRCUIT
1993
More results

Similar Description - UPD17145

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17145A1 RENESAS-PD17145A1_15 Datasheet
553Kb / 104P
   SMALL, GENERAL-PURPOSE 4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
NEC
UPD17240 NEC-UPD17240 Datasheet
668Kb / 102P
   4-BIT SINGLE-CHIP MICROCONTROLLERS FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROL TRANSMITTERS
UPD753204 NEC-UPD753204 Datasheet
577Kb / 80P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD750064 NEC-UPD750064 Datasheet
460Kb / 82P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD753108 NEC-UPD753108 Datasheet
2Mb / 459P
   4-bit Single-chip Microcontrollers
UPD754202 NEC-UPD754202 Datasheet
302Kb / 66P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754264 NEC-UPD754264 Datasheet
318Kb / 68P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
UPD754144 NEC-UPD754144 Datasheet
416Kb / 88P
   4-BIT SINGLE-CHIP MICROCONTROLLERS
logo
Sanyo Semicon Device
LC651204N SANYO-LC651204N Datasheet
312Kb / 35P
   4-Bit Single-Chip Microcontrollers for Small-Scale Control Applications
logo
NEC
UPD17P236 NEC-UPD17P236 Datasheet
252Kb / 32P
   4-BIT SINGLE-CHIP MICROCONTROLLER FOR SMALL GENERAL-PURPOSE INFRARED REMOTE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com