Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N84403M12P Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N84403M12P
Description  MTP-MPO Patch Cable, 12 Fiber, 40GbE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N84403M12P Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N84403M12P Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N84403M12P Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
MTP/MPO Patch Cable, 12 Fiber, 40GbE,
40GBASE-SR4, OM3 Plenum-Rated - Aqua, 3M
(10-ft.)
MODEL NUMBER: N844-03M-12-P
Description
Tripp Lite MTP/MPO to MTP/MPO fiber patch cables allow high-density connections between network equipment in telecommunication rooms. They feature
Push/Pull tab connectors that offer maximum accessibility in high density installations; install / remove with one hand. The MTP/MPO connector is
approximately the same size of a SC connector but since it can accommodate 12 fibers, it provides up to 12 times the density, thereby offering savings in circuit
card and rack space. N844 series cables are manufactured using laser-optimized, 50/125, OM3 multimode cable, and support speeds up to 40GbE.
Features
MTP / MPO Push-Pull Connectors for Quick Fiber Optic connections
Push/Pull tab connectors offer maximum accessibility in high density installations; install / remove with one hand
12 times the density of SC style connectors
No need for long fan-out cables or individual long duplex cable runs
High Density design cuts down on installation costs
50/125 OM3 Rated Multimode Fiber, 850nm
Plenum rated jacket
Unique cable ID label for Quality Control and Traceability
Each cable 100% tested for low insertion loss and back reflection
Test data supplied with each cable
Custom lengths available
Specifications
OVERVIEW
Fiber Type
50/125 - OM3
Highlights
Hi-density MTP/MPO 12-fiber
connectors for reduced cabling
Push/Pull tab connectors offer
maximum accessibility in high
density installations; install /
remove with one hand
OM3 rated 50/125 Multimode
Supports to 40GbE speeds
Applications
Hi-density fiber patching between
data center MDF and IDF
Package Includes
3 Meter MTP / MPO Patch Cable,
12 Fiber, 40GbE Aqua OM3
Plenum
1 / 2


Similar Part No. - N84403M12P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N84403M8LCP TRIPPLITE-N84403M8LCP Datasheet
492Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84403M8LCPT TRIPPLITE-N84403M8LCPT Datasheet
517Kb / 2P
   MTP-MPO Fan-out Cable with Push-Pull Tab Connectors
More results

Similar Description - N84403M12P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N84410M12P TRIPPLITE-N84410M12P Datasheet
517Kb / 2P
   MTP/MPO Patch Cable, 12 Fiber, 40GbE
N84402M12P TRIPPLITE-N84402M12P Datasheet
518Kb / 2P
   MTP-MPO Patch Cable, 12 Fiber, 40GbE
N84405M12P TRIPPLITE-N84405M12P Datasheet
519Kb / 2P
   MTP-PO Patch Cable, 12 Fiber, 40GbE
N844-05M-12-P TRIPPLITE-N844-05M-12-P Datasheet
168Kb / 3P
   MTP/MPO Patch Cable, 12 Fiber, 40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua, 5M (16-ft.)
N84401M12P TRIPPLITE-N84401M12P Datasheet
517Kb / 2P
   MTP-MPO Patch Cable with Push-Pull Tabs, 12 Fiber
N84601M24P TRIPPLITE-N84601M24P Datasheet
522Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84602M24P TRIPPLITE-N84602M24P Datasheet
521Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84605M24P TRIPPLITE-N84605M24P Datasheet
522Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N84610M24P TRIPPLITE-N84610M24P Datasheet
519Kb / 2P
   MTP-MPO Patch Cable, 100GBASE-SR10, CXP, 24 Fiber
N844-10M-12-P TRIPPLITE-N844-10M-12-P Datasheet
167Kb / 3P
   MTP/MPO Patch Cable with Push/Pull Tabs, 12 Fiber, 40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua, 10M (33-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com