Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N84402M8LCP Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N84402M8LCP
Description  MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N84402M8LCP Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N84402M8LCP Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N84402M8LCP Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
MTP/MPO Fan-Out Cable, MTP/MPO to 8xLC,
40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua,
2M (6-ft.)
MODEL NUMBER: N844-02M-8LC-P
Description
Tripp Lite's MPO/MTP Multi-Fiber cabling system is ideally suited for a high density environment that demands space saving and reduced cable management
solutions. MPO/MTP fan-outs support various connections from multi-fiber to single-fiber out. N844-xxM-8LC-P cables utilize 8 fibers to fully transmit
40GBASE-SR, 4 fibers in each direction transmitting 10Gb each.
Features
MTP / MPO to 8 x LC, 2 Meter Fan-out Cable
40GbE rated OM3 50/125 Multimode
Plenum rated jacket
Specifications
OVERVIEW
Fiber Type
50/125 - OM3
Cable Type
Multimode; 10G/40G/100G
INPUT
Cable Length (ft.)
7
Cable Length (m)
2
PHYSICAL
Highlights
MTP / MPO to 8 x LC Fan-out
Cable
OM3, 40GbE rated,
40GBASE-SR4
50/125 Multimode
Applications
Used with 40GBASE-SR4
networking hardware
Package Includes
2M (6-ft.) MTP / MPO Fan-out
Cable, MTP/MPO to 8 x LC,
40GbE OM3 Plenum
1 / 2


Similar Part No. - N84402M8LCP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N84402M8LCPT TRIPPLITE-N84402M8LCPT Datasheet
519Kb / 2P
   MTP-MPO Fan-out Cable with Push-Pull Tab Connectors
More results

Similar Description - N84402M8LCP

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N84405M8LCP TRIPPLITE-N84405M8LCP Datasheet
493Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
N84403M8LCP TRIPPLITE-N84403M8LCP Datasheet
492Kb / 2P
   MTP-MPO Fan-Out Cable, MTP-MPO to 8xLC
logo
OPLINK Communications I...
MPOF-S0229 OPLINK-MPOF-S0229 Datasheet
173Kb / 2P
   MPO/MTP Fan-out Patchcord
logo
Tripp Lite. All Rights ...
N844-02M-8LC-P TRIPPLITE-N844-02M-8LC-P Datasheet
160Kb / 2P
   MTP/MPO Fan-Out Cable, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua, 2M (6-ft.)
N844-03M-8LC-P TRIPPLITE-N844-03M-8LC-P Datasheet
160Kb / 2P
   MTP/MPO Fan-Out Cable, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua, 3M (10-ft.)
N844-05M-8LC-P TRIPPLITE-N844-05M-8LC-P Datasheet
160Kb / 2P
   MTP/MPO Fan-Out Cable, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4, OM3 Plenum-Rated - Aqua, 5M (16-ft.)
N844-03M-8LC-PT TRIPPLITE-N844-03M-8LC-PT Datasheet
168Kb / 3P
   MTP/MPO Fan-out Cable with Push/Pull Tab Connectors, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4,OM3 Plenum-rated - Aqua, 3M (9.84-ft.)
N844-02M-8LC-PT TRIPPLITE-N844-02M-8LC-PT Datasheet
169Kb / 3P
   MTP/MPO Fan-out Cable with Push/Pull Tab Connectors, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4,OM3 Plenum-rated - Aqua, 2M (6.56-ft.)
N844-05M-8LC-PT TRIPPLITE-N844-05M-8LC-PT Datasheet
169Kb / 3P
   MTP/MPO Fan-out Cable with Push/Pull Tab Connectors, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4,OM3 Plenum-rated - Aqua, 5M (16.4-ft.)
N844-01M-8LC-PT TRIPPLITE-N844-01M-8LC-PT Datasheet
167Kb / 3P
   MTP/MPO Fan-out Cable with Push/Pull Tab Connectors, MTP/MPO to 8xLC, 40GbE, 40GBASE-SR4,OM3 Plenum-rated - Aqua, 1M (3.28-ft.)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com