Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STT3470N Datasheet(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

Part # STT3470N
Description  N-Channel Enhancement Mode Mos.FET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

STT3470N Datasheet(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  STT3470N_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH STT3470N_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STT3470N
2.2 A, 100 V, RDS(ON) 280 m
N-Channel Enhancement Mode Mos.FET
Elektronische Bauelemente
30-Dec-2010 Rev. A
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen and lead-free
DESCRIPTION
These miniature surface mount MOSFETs utilize
a High Cell Density trench process to provide Low RDS(on)
and to ensure minimal power loss and heat dissipation.
Typical applications are DC-DC converters and power
management in portable and battery-powered products
such as computers, printers, PCMCIA cards, cellular
and cordless telephones.
FEATURES
Low RDS(on) provides higher efficiency and extend
battery life
Low thermal impedance copper leadframe TSOP-6
saves board space
Fast switching speed
High performance trench technology
PACKAGE INFORMATION
Package
MPQ
LeaderSize
TSOP-6
3K
7’ inch
ABSOLUTE MAXIMUM RATINGS (TA = 25°C unless otherwise specified)
Parameter
Symbol
Ratings
Unit
Drain-Source Voltage
VDS
100
V
Gate-Source Voltage
VGS
±20
V
Continuous Drain Current
1
TA= 25°C
ID
2.2
A
Pulsed Drain Current
2
IDM
±10
A
Continuous Source Current (Diode Conduction)
1
IS
1.1
A
Power Dissipation
1
TA= 25°C
PD
2
W
Operating Junction and Storage Temperature Range
Tj, Tstg
-55 ~ 150
°C
Thermal Resistance Ratings
Parameter
Symbol
Typ.
Max.
Unit
Maximum Junction to Ambient
1
t ≦ 10 sec
RJA
93
110
°C / W
Steady State
130
150
Notes
1.
Surface Mounted on 1” x 1” FR4 Board.
2.
Pulse width limited by maximum junction temperature.
REF.
Millimeter
REF.
Millimeter
Min.
Max.
Min.
Max.
A
2.70
3.10
G
0
0.10
B
2.60
3.00
H
0.60 REF.
C
1.40
1.80
J
0.12 REF.
D1.10 MAX.
K
10°
E
1.90 REF.
L
0.95 REF.
F
0.30
0.50
TSOP-6
B
L
F
H
C
J
D G
K
A
E
1
23
4
5
6
D
G
D
D
D
S


Similar Part No. - STT3470N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
STT3470N SECOS-STT3470N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
logo
VBsemi Electronics Co.,...
STT3470N VBSEMI-STT3470N Datasheet
456Kb / 9P
   N-Channel 100 V (D-S) MOSFET
More results

Similar Description - STT3470N_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2340N SECOS-SMG2340N_15 Datasheet
141Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N_15 Datasheet
143Kb / 2P
   N-Channel Enhancement Mode Mos.FET
STT3402N SECOS-STT3402N_15 Datasheet
467Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3458N SECOS-STT3458N Datasheet
189Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-30P SECOS-SSE90N06-30P Datasheet
169Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2314NE SECOS-SMG2314NE_15 Datasheet
535Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SSE90N06-15P SECOS-SSE90N06-15P Datasheet
355Kb / 4P
   N-Channel Enhancement Mode Mos.FET
STT3490N SECOS-STT3490N Datasheet
637Kb / 4P
   N-Channel Enhancement Mode Mos.FET
SMG2342N SECOS-SMG2342N Datasheet
142Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398N SECOS-SMG2398N Datasheet
148Kb / 2P
   N-Channel Enhancement Mode Mos.FET
SMG2398NE SECOS-SMG2398NE Datasheet
145Kb / 2P
   N-Channel Enhancement Mode Mos.FET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com