Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLZ44S Datasheet(PDF) 4 Page - International Rectifier

Part # IRLZ44S
Description  Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44S Datasheet(HTML) 4 Page - International Rectifier

  IRLZ44S Datasheet HTML 1Page - International Rectifier IRLZ44S Datasheet HTML 2Page - International Rectifier IRLZ44S Datasheet HTML 3Page - International Rectifier IRLZ44S Datasheet HTML 4Page - International Rectifier IRLZ44S Datasheet HTML 5Page - International Rectifier IRLZ44S Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image


Similar Part No. - IRLZ44S

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLZ44S VISHAY-IRLZ44S Datasheet
416Kb / 8P
   Power MOSFET
Rev. C, 30-May-11
IRLZ44S VISHAY-IRLZ44S Datasheet
483Kb / 10P
   Power MOSFET
01-Jan-2022
logo
International Rectifier
IRLZ44SPBF IRF-IRLZ44SPBF Datasheet
837Kb / 9P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRLZ44SPBF VISHAY-IRLZ44SPBF Datasheet
416Kb / 8P
   Power MOSFET
Rev. C, 30-May-11
IRLZ44SPBF VISHAY-IRLZ44SPBF Datasheet
483Kb / 10P
   Power MOSFET
01-Jan-2022
More results

Similar Description - IRLZ44S

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRLZ44 IRF-IRLZ44 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRFZ44R IRF-IRFZ44R Datasheet
153Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50*A)
IRCZ44 IRF-IRCZ44 Datasheet
132Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=50A)
IRFP044 IRF-IRFP044 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.028ohm, Id=57A)
IRFZ48R IRF-IRFZ48R Datasheet
136Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=0.018ohm, Id=50*A)
IRFP054 IRF-IRFP054 Datasheet
170Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.014ohm, Id=70*A)
IRFP064 IRF-IRFP064 Datasheet
171Kb / 6P
   Power MOSFET(Vdss=60V, Rds(on)=0.009ohm, Id=70*A)
IRF5N3710 IRF-IRF5N3710 Datasheet
116Kb / 7P
   POWER MOSFET N-CHANNEL(Vdss=100V, Rds(on)=0.028ohm, Id=45A)
IRFD9014 IRF-IRFD9014 Datasheet
177Kb / 6P
   Power MOSFET(Vdss=-60V, Rds(on)=0.50ohm, Id=-1.1A)
IRFZ24V IRF-IRFZ24V Datasheet
200Kb / 8P
   Power MOSFET(Vdss=60V, Rds(on)=60mohm, Id=17A)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com