Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17072 Datasheet(PDF) 58 Page - NEC

Part # UPD17072
Description  4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE FOR DIGITAL TUNING SYSTEM
Download  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17072 Datasheet(HTML) 58 Page - NEC

Back Button UPD17072 Datasheet HTML 54Page - NEC UPD17072 Datasheet HTML 55Page - NEC UPD17072 Datasheet HTML 56Page - NEC UPD17072 Datasheet HTML 57Page - NEC UPD17072 Datasheet HTML 58Page - NEC UPD17072 Datasheet HTML 59Page - NEC UPD17072 Datasheet HTML 60Page - NEC UPD17072 Datasheet HTML 61Page - NEC UPD17072 Datasheet HTML 62Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 226 page
background image
µPD17072,17073
58
10.2 General-Purpose I/O Ports (P0B, P0C, P0D)
10.2.1 Configuration of I/O ports
The configurations of the I/O ports are shown below.
P0B (P0B3, P0B2, P0B1, P0B0)
P0C (P0C1, P0C0)
P0D (P0D3, P0D2)
I/O mode selector flag
VDD
VDD
RESET
Output
latch
1
0
Write instruction
Read instruction
Port register
(1 bit)
10.2.2 Use of I/O ports
The I/O port is set in the input or output mode by the I/O select registers P0B and P0C of the control register.
P0D, P0C, and P0D are the bit I/O ports. Therefore, these ports can set in input or output mode in 1-bit units.
To set output data or to read input data, data is written to the corresponding port register, or an instruction that
reads the data is executed.
10.2.3 describes the configuration of the I/O select register of each port.
10.2.4 describes how to use an I/O port as an input port.
10.2.5 describes how to use an I/O port as an output port.


Similar Part No. - UPD17072

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17072 RENESAS-UPD17072 Datasheet
967Kb / 228P
   MOS INTEGRATED CIRCUIT
1996
UPD17072GB-XXX-1A7 RENESAS-UPD17072GB-XXX-1A7 Datasheet
967Kb / 228P
   MOS INTEGRATED CIRCUIT
1996
UPD17072GB-XXX-9EU RENESAS-UPD17072GB-XXX-9EU Datasheet
967Kb / 228P
   MOS INTEGRATED CIRCUIT
1996
More results

Similar Description - UPD17072

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PD17P709A RENESAS-PD17P709A_15 Datasheet
390Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
logo
NEC
UPD17010 NEC-UPD17010 Datasheet
1Mb / 424P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH HARDWARE DEDICATED TO DIGITAL TUNING SYSTEM
UPD17005 NEC-UPD17005 Datasheet
15Mb / 482P
   DIGITAL TUNING SYSTEM HARDWARE BUILT-IN 4-BIT SINGLE-CHIP MICROCONTROLLER
logo
Renesas Technology Corp
PD17012 RENESAS-PD17012_15 Datasheet
1Mb / 320P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
logo
NEC
UPD17933 NEC-UPD17933 Datasheet
1,022Kb / 252P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17016 NEC-UPD17016 Datasheet
1Mb / 324P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DIGITAL TUNING SYSTEM HARDWARE
UPD17704 NEC-UPD17704 Datasheet
1Mb / 356P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17717 NEC-UPD17717 Datasheet
1Mb / 408P
   4-BIT SINGLE-CHIP MICROCONTROLLERS WITH DEDICATED HARDWARE FOR DIGITAL TUNING SYSTEM
UPD17P709 NEC-UPD17P709 Datasheet
201Kb / 38P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
UPD17P719 NEC-UPD17P719 Datasheet
201Kb / 40P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH BUILT-IN HARDWARE DEDICATED TO DIGITAL TUNING SYSTEMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com