Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI630G Datasheet(PDF) 4 Page - International Rectifier

Part # IRLI630G
Description  Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI630G Datasheet(HTML) 4 Page - International Rectifier

  IRLI630G Datasheet HTML 1Page - International Rectifier IRLI630G Datasheet HTML 2Page - International Rectifier IRLI630G Datasheet HTML 3Page - International Rectifier IRLI630G Datasheet HTML 4Page - International Rectifier IRLI630G Datasheet HTML 5Page - International Rectifier IRLI630G Datasheet HTML 6Page - International Rectifier IRLI630G Datasheet HTML 7Page - International Rectifier IRLI630G Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IRLI630G
Fig 7. Typical Source-Drain Diode
Forward Voltage
Fig 8. Maximum Safe Operating Area
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
0
500
1000
1500
2000
1
10
100
DS
V
, Drain-to-Source Voltage (V)
A
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GS
iss
gs
gd
ds
rss
gd
oss
ds
gd
Ciss
Coss
Crss
0
2
4
6
8
10
0
10
20
30
40
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE 13
I
= 9.0A
V
= 160V
V
= 100V
V
= 40V
D
DS
DS
DS
A
0.1
1
10
100
0
0.4
0.8
1.2
1.6
T = 25°C
T = 150°C
J
J
V
= 0V
GS
V
, Source-to-Drain Voltage (V)
SD
A
0 .1
1
1 0
10 0
1
1 0
10 0
1 00 0
V
, Drain-to-Source Voltage (V)
DS
OPERATION IN THIS AREA LIMITED
BY RDS(on)
T
= 25°C
T
= 150°C
Single Pulse
C
J
100µs
1ms
10ms
100ms
A
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRLI630G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 10P
   Power MOSFET
logo
International Rectifier
IRLI630GPBF IRF-IRLI630GPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 10P
   Power MOSFET
More results

Similar Description - IRLI630G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com