Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRLI630G Datasheet(PDF) 3 Page - International Rectifier

Part # IRLI630G
Description  Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=6.2A)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRLI630G Datasheet(HTML) 3 Page - International Rectifier

  IRLI630G Datasheet HTML 1Page - International Rectifier IRLI630G Datasheet HTML 2Page - International Rectifier IRLI630G Datasheet HTML 3Page - International Rectifier IRLI630G Datasheet HTML 4Page - International Rectifier IRLI630G Datasheet HTML 5Page - International Rectifier IRLI630G Datasheet HTML 6Page - International Rectifier IRLI630G Datasheet HTML 7Page - International Rectifier IRLI630G Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
IRLI630G
Fig 1. Typical Output Characteristics,
TC = 25oC
Fig 2. Typical Output Characteristics,
TC = 150oC
0.1
1
1 0
1 0 0
0.1
1
1 0
10 0
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
7.50V
5.00V
4.00V
3.50V
3.00V
2.75V
2.50V
BOTTOM 2.25V
2.25V
20µs PULSE WIDTH
T = 25°C
c
A
0 .1
1
10
1 00
0.1
1
10
10 0
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
7.50V
5.00V
4.00V
3.50V
3.00V
2.75V
2.50V
BOTTOM 2.25V
2.25V
20µs PULSE WIDTH
T = 150°C
C
A
0.01
0.1
1
10
100
2.0
2.5
3.0
3.5
4.0
4.5
5.0
T = 25°C
T = 150°C
J
J
GS
V
, Gate-to-Source Voltage (V)
V
= 50V
20µs PULSE WIDTH
DS
A
0.0
0.5
1.0
1.5
2.0
2.5
-60 -40 -20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
V
= 5.0V
GS
I
= 9.0A
D
A
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRLI630G

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
IRLI630G VISHAY-IRLI630G Datasheet
1Mb / 10P
   Power MOSFET
logo
International Rectifier
IRLI630GPBF IRF-IRLI630GPBF Datasheet
1Mb / 8P
   HEXFET Power MOSFET
logo
Vishay Siliconix
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 17-Jun-08
IRLI630GPBF VISHAY-IRLI630GPBF Datasheet
1Mb / 10P
   Power MOSFET
More results

Similar Description - IRLI630G

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRC IRF-IRC Datasheet
229Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFI630G IRF-IRFI630G Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=5.9A)
IRL630S IRF-IRL630S Datasheet
352Kb / 8P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRL630 IRF-IRL630 Datasheet
324Kb / 8P
   Power MOSFET(Vdss=200V, RdS(on)=0.40ohm, Id=9.0A)
IRF630 IRF-IRF630 Datasheet
176Kb / 6P
   Power MOSFET(Vdss=200V, Rds(on)=0.40ohm, Id=9.0A)
IRFPC60 IRF-IRFPC60 Datasheet
162Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFP450LC IRF-IRFP450LC Datasheet
340Kb / 8P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFP450 IRF-IRFP450 Datasheet
169Kb / 6P
   Power MOSFET(Vdss=500V, Rds(on)=0.40ohm, Id=14A)
IRFPC60LC IRF-IRFPC60LC Datasheet
343Kb / 8P
   Power MOSFET(Vdss=600V, Rds(on)=0.40ohm, Id=16A)
IRFBC40S IRF-IRFBC40S Datasheet
350Kb / 10P
   Power MOSFET(Vdss=600V, Rds(on)=1.2ohm, Id=6.2A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com