Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3159 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 2SK3159
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

2SK3159 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button 2SK3159_15 Datasheet HTML 2Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 3Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 4Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 5Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 6Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 7Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 8Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 9Page - Renesas Technology Corp 2SK3159_15 Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
2SK3159
Rev.4.00 May 15, 2006 page 4 of 7
Case Temperature Tc (
°C)
Static Drain to Source on State Resistance
vs. Temperature
Forward Transfer Admittance vs.
Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance vs.
Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
100
–50
0
50
100
150
200
0
20
40
60
80
0.1
0.3
1
30
100
200
2
5
10
20
1
0.5
Pulse Test
10
50
ID = 50 A
VGS = 4 V
10 V
10, 20 A
10, 20 A
50 A
500
3
100
0.1
1
3
10
30
0.3
010
20
30
40
50
30000
3000
10000
1000
100
300
200
0
0
40
80
120
160
20
80
160
240
320
400
0
4
8
12
16
5000
1000
500
200
50
100
0.1 0.2
1
5
10
1000
500
200
50
100
20
10
ID = 50 A
VGS
VDS
20
10
0.5
250
20
100
VDD = 100 V
50 V
25 V
VDD = 100 V
50 V
25 V
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
2000
VDS = 10 V
Pulse Test
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
tf
tr
td(off)
td(on)
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty ≤ 1 %
Tc = –25°C
25°C
75°C


Similar Part No. - 2SK3159_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SK3159 RENESAS-2SK3159_16 Datasheet
272Kb / 8P
   150V - 50A - MOS FET High Speed Power Switching
More results

Similar Description - 2SK3159_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
H7N0608LD RENESAS-H7N0608LD Datasheet
118Kb / 12P
   Silicon N Channel MOS FET High Speed Power Switching
H5N1503P RENESAS-H5N1503P Datasheet
81Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK6015DPK RENESAS-RJK6015DPK Datasheet
107Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H7N0310LD RENESAS-H7N0310LD Datasheet
131Kb / 14P
   Silicon N Channel MOS FET High Speed Power Switching
2SK2788 RENESAS-2SK2788_11 Datasheet
82Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJK5013DPE RENESAS-RJK5013DPE_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
RJL5014DPK RENESAS-RJL5014DPK_15 Datasheet
89Kb / 7P
   Silicon N Channel MOS FET High Speed Power Switching
H5N5006DL RENESAS-H5N5006DL_15 Datasheet
113Kb / 10P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005LD RENESAS-H7N1005LD_15 Datasheet
145Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
HAT2179R RENESAS-HAT2179R_15 Datasheet
126Kb / 9P
   Silicon N Channel MOS FET High Speed Power Switching
H7N1005DL RENESAS-H7N1005DL_15 Datasheet
139Kb / 11P
   Silicon N Channel MOS FET High Speed Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com