Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


2SK3150(L)_15 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. 2SK3150(L)_15
Description  Silicon N Channel MOS FET High Speed Power Switching
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

 6 page
background image
2SK3150(L), 2SK3150(S)
Rev.4.00 Sep 07, 2005 page 4 of 8
Case Temperature TC (°C)
Static Drain to Source on State
Resistance vs. Temperature
Forward Transfer Admittance
vs. Drain Current
Drain Current ID (A)
Body to Drain Diode Reverse
Recovery Time
Reverse Drain Current IDR (A)
Typical Capacitance
vs. Drain to Source Voltage
Drain to Source Voltage VDS (V)
Dynamic Input Characteristics
Gate Charge Qg (nc)
Switching Characteristics
Drain Current ID (A)
250
200
150
100
50
–40
0
40
80
120
160
0
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
VGS = 4 V
10 V
25
°C
Tc = –25
°C
75
°C
Pulse Test
VDS = 10 V
Pulse Test
15 A
5,10 A
15 A
5,10 A
0.1
0.3
13
10
30
50
010
20
30
40
50
2000
10000
1000
100
200
500
200
160
120
80
40
0
20
16
12
8
4
20
40
60
80
100
0
500
50
5
10
2
1
20
200
1000
20
100
10
0.1 0.2
1
2
10
20
di / dt = 50 A /
µs
VGS = 0, Ta = 25°C
10
20
50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 15 A
VGS
VDS
VDD = 100 V
50 V
25 V
tf
tr
td(on)
td(off)
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
VDD = 100 V
50 V
25 V
50
500
0.5
50
5000
100
200




Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download




Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl