Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17068 Datasheet(PDF) 49 Page - NEC

Part # UPD17068
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
Download  341 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17068 Datasheet(HTML) 49 Page - NEC

Back Button UPD17068 Datasheet HTML 45Page - NEC UPD17068 Datasheet HTML 46Page - NEC UPD17068 Datasheet HTML 47Page - NEC UPD17068 Datasheet HTML 48Page - NEC UPD17068 Datasheet HTML 49Page - NEC UPD17068 Datasheet HTML 50Page - NEC UPD17068 Datasheet HTML 51Page - NEC UPD17068 Datasheet HTML 52Page - NEC UPD17068 Datasheet HTML 53Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 341 page
background image
49
µPD17068
5.6
INDEX REGISTER (IX) AND DATA MEMORY ROW ADDRESS POINTER (MP: MEMORY POINTER)
5.6.1
Index Register (IX)
(1) Format of Index Register
Fig. 5-6 shows the format of the index register.
The index register consists of 11 bits: the lower 3 bits (IXH) of 7AH of the system register, 7BH (IXM), and
7CH (IXL). The lower 2 bits (bits 2 and 1 of 7AH) are always set to 0. In operation to access the VRAM, however,
only the higher 1 bit (bit 2 of 7AH) is always set to 0. For the method of VRAM access, see Section 16.5.7.
Fig. 5-6 Format of Index Register
(2) Index register functions
The index register is used to modify data memory addresses when a data memory manipulation instruction
is executed. That is, the data memory bank, row address, and column address specified by a data memory
manipulation instruction are ORed with the contents of the index register, and the instruction is executed for
the data memory location specified by the result of OR operation.
Note, however, that address modification is enabled only when the IXE flag (bit 0 of 7FH of the system
register) is set to 1.
A dedicated instruction (INC IX) for incrementing the index register allows easy access to a data memory
location.
Address modification using the index register can be performed with all data memory manipulation
instructions.
With the instructions listed below, address modification using the index register is impossible.
Address
7AH
7BH
7CH
7EH
7FH
Index register (IX)
Memory pointer (MP)
IXH
IXM
MPH
MPL
IXL
Bit
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
b3
b2
b1
b0
Data memory
access
VRAM access
M
P
E
I
X
E
M
P
E
I
X
E
Power-on
Clock stop
CE
0
0
0
0
0
0
0
0
0
0
0
0
Register
Symbol
PSW
Program status word
(PSWORD)
Fixed
at
0
Fixed
at
0
Fixed
at
0
VRAMBANK
Row
address
Column
address
Column address
Row address
BANK
IX
IX


Similar Part No. - UPD17068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17062 NEC-UPD17062 Datasheet
1Mb / 296P
   4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
logo
Renesas Technology Corp
UPD17062 RENESAS-UPD17062 Datasheet
1Mb / 298P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD17062CU NEC-UPD17062CU Datasheet
1Mb / 296P
   4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
logo
Renesas Technology Corp
UPD17062CU-XXX RENESAS-UPD17062CU-XXX Datasheet
1Mb / 298P
   MOS INTEGRATED CIRCUIT
1995
logo
NEC
UPD17062GC NEC-UPD17062GC Datasheet
1Mb / 296P
   4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
More results

Similar Description - UPD17068

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17062 NEC-UPD17062 Datasheet
1Mb / 296P
   4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
UPD17053 NEC-UPD17053 Datasheet
8Mb / 278P
   ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17052 NEC-UPD17052 Datasheet
8Mb / 298P
   ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
logo
Panasonic Semiconductor
MN14826 PANASONIC-MN14826 Datasheet
1Mb / 16P
   CMOS 4-Bit Single-Chip Microcomputer for Frequency Synthesizer TV Tuning Systems
logo
NEC
UPD17071GB-012 NEC-UPD17071GB-012 Datasheet
296Kb / 48P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV
logo
Sanyo Semicon Device
LC7218 SANYO-LC7218 Datasheet
265Kb / 16P
   PLL Frequency Synthesizer for Electronic Tuning in AV Systems
LC72148V SANYO-LC72148V Datasheet
170Kb / 21P
   Electronic Tuning PLL Frequency Synthesizer for Car Stereo Systems
LC72151V SANYO-LC72151V Datasheet
325Kb / 29P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
LC72146 SANYO-LC72146 Datasheet
357Kb / 21P
   PLL Frequency Synthesizer for Electronic Tuning
LC72147V SANYO-LC72147V Datasheet
154Kb / 22P
   PLL Frequency Synthesizer for Electronic Tuning in Car Audio Systems
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com