Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPD17062 Datasheet(PDF) 87 Page - NEC

Part # UPD17062
Description  4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING PLL FREQUENCY SYNTHESIZER AND IMAGE DISPLAY CONTROLLER
Download  296 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17062 Datasheet(HTML) 87 Page - NEC

Back Button UPD17062 Datasheet HTML 83Page - NEC UPD17062 Datasheet HTML 84Page - NEC UPD17062 Datasheet HTML 85Page - NEC UPD17062 Datasheet HTML 86Page - NEC UPD17062 Datasheet HTML 87Page - NEC UPD17062 Datasheet HTML 88Page - NEC UPD17062 Datasheet HTML 89Page - NEC UPD17062 Datasheet HTML 90Page - NEC UPD17062 Datasheet HTML 91Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 296 page
background image
87
µPD17062
9.26
SHIFT CLOCK FREQUENCY SETTING (39H)
9.27
IRQNC (3FH)
IRQNC is an interrupt request flag that indicates the interrupt request state.
When an interrupt request is generated, the flag is set to 1. When the request is accepted (interrupt is made),
the flag is reset to 0.
The interrupt request flag can be read and written by the program. Hence, if 1 is written, an interrupt by
software can be generated. If 0 is written, the interrupt hold status can be released. The IRQNC flag becomes
0 upon reset.
b3
b2
b1
b0
SIO0CK3
SIO0CK2
SIO0CK0
39H
SIO0CK1
00
01
10
11
100 kHz
200 kHz
500 kHz
1 MHz
Fixed at 0
Internal clock frequency
Flag name
Bit position
Interrupt source
IRQNC
b0
INTNC pin
IRQBTM0
b1
Clock timer
IRQVSYN
b2
VSYNC pin
IRQSIO0
b3
Serial interface


Similar Part No. - UPD17062

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPD17062 RENESAS-UPD17062 Datasheet
1Mb / 298P
   MOS INTEGRATED CIRCUIT
1995
UPD17062CU-XXX RENESAS-UPD17062CU-XXX Datasheet
1Mb / 298P
   MOS INTEGRATED CIRCUIT
1995
UPD17062GC-XXX RENESAS-UPD17062GC-XXX Datasheet
1Mb / 298P
   MOS INTEGRATED CIRCUIT
1995
More results

Similar Description - UPD17062

ManufacturerPart #DatasheetDescription
logo
NEC
UPD17068 NEC-UPD17068 Datasheet
1Mb / 341P
   4-BIT SINGLE-CHIP MICROCONTROLLER CONTAINING IMAGE DISPLAY CONTROLLER AND PLL FREQUENCY SYNTHESIZER FOR DIGITAL TUNING SYSTEMS
UPD17053 NEC-UPD17053 Datasheet
8Mb / 278P
   ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17052 NEC-UPD17052 Datasheet
8Mb / 298P
   ON-CHIP IMAGE DISPLAY CONTROLLER 4-BIT SINGLE-CHIP MICROCONTROLLER FOR VOLTAGE SYNTHESIZER
UPD17071GB-012 NEC-UPD17071GB-012 Datasheet
296Kb / 48P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PLL FREQUENCY SYNTHESIZER CONTROLLER FOR PORTABLE FM/AM RADIO AND TV
logo
Sanyo Semicon Device
LC7185-8750 SANYO-LC7185-8750 Datasheet
262Kb / 13P
   CB Transceiver PLL Frequency Synthesizer and Controller
logo
NEC
UPD17006AGF-011 NEC-UPD17006AGF-011 Datasheet
677Kb / 72P
   4-BIT SINGLE-CHIP MICROCONTROLLER WITH PRESCALER, PLL FREQUENCY SYNTHESIZER, AND IF COUNTER FOR AUTOMOBILE FM, MW, AND LW RADIOS
logo
Sanyo Semicon Device
LC7020AT SANYO-LC7020AT Datasheet
480Kb / 21P
   Controller for PLL Frequency Synthesizer?
LC7020AK SANYO-LC7020AK Datasheet
484Kb / 22P
   Controller for PLL Frequency Synthesizer
logo
Motorola, Inc
MC145146-2 MOTOROLA-MC145146-2 Datasheet
59Kb / 2P
   4-Bit Data Bus Input PLL Frequency Synthesizer
logo
LANSDALE Semiconductor ...
ML145145 LANSDALE-ML145145 Datasheet
1Mb / 12P
   4-Bit Data Bus Input PLL Frequency Synthesizer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com