Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN4426 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN4426
Description  Tutorial for MEMS microphones
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4426 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN4426 Datasheet HTML 4Page - STMicroelectronics AN4426 Datasheet HTML 5Page - STMicroelectronics AN4426 Datasheet HTML 6Page - STMicroelectronics AN4426 Datasheet HTML 7Page - STMicroelectronics AN4426 Datasheet HTML 8Page - STMicroelectronics AN4426 Datasheet HTML 9Page - STMicroelectronics AN4426 Datasheet HTML 10Page - STMicroelectronics AN4426 Datasheet HTML 11Page - STMicroelectronics AN4426 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Mechanical specifications, construction details
AN4426
8/18
DocID025704 Rev 1
Figure 9. EMC test setup
Basically the test consists of placing the microphone under an antenna radiating a
disturbance signal of 1 kHz AM modulated in the range [0.8, 3] GHz. The RF amplitude
differs depending on the frequency range according to the following criteria:
+33dBm in the range [0.8, 2.4]
+17dBm in the range [2.4, 3.0]
Figure 10. RF test disturbance signal
The carrier of the disturbance is 1 kHz since it is an audio signal. Hence, the RF immunity of
the microphone is evaluated by measuring the residual of the carrier at the output of the
Signal generator
RF Amplifier
EMC jig
IN
OUT
RF out
RF in
+33dBm @450,900° 1800MHz
RF antenna
Dig Mic
Quality Board
VDD
gnd
Data
CLK
DECIMATOR BOARD
PC
Attenuator+50
Ω
Termination
Amplified RF out
Labview
Routine
Power Meter
Coupler
bring out 3.3V level signals
and send them to Labview
routine
Signal generator
RF Amplifier
EMC jig
IN
OUT
RF out
RF in
+33dBm @450,900° 1800MHz
RF antenna
Dig Mic
Quality Board
VDD
gnd
Data
CLK
DECIMATOR BOARD
PC
Attenuator+50
Ω
Termination
Amplified RF out
Labview
Routine
Power Meter
Coupler
Only level shifters are used to
bring out 3.3V level signals
and send them to Labview
routine


Similar Part No. - AN4426

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN442 STMICROELECTRONICS-AN442 Datasheet
63Kb / 5P
   The aim of this note is to show how to connect
logo
Silicon Laboratories
AN442 SILABS-AN442 Datasheet
1Mb / 22P
   DESIGNERS GUIDE
logo
STMicroelectronics
AN4421 STMICROELECTRONICS-AN4421 Datasheet
173Kb / 11P
   Migrating from M24LR to M24SR series
AN4427 STMICROELECTRONICS-AN4427 Datasheet
1Mb / 19P
   Gasket design for optimal acoustic performance
AN4428 STMICROELECTRONICS-AN4428 Datasheet
1Mb / 18P
   Best practices in the manufacturing process
More results

Similar Description - AN4426

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN4211 STMICROELECTRONICS-AN4211 Datasheet
796Kb / 13P
   Guidelines for soldering MEMS microphones
logo
JL World Company Limite...
HDC334A-75 JLWORLD-HDC334A-75 Datasheet
475Kb / 1P
   Microphones
HMC0603E-62 JLWORLD-HMC0603E-62 Datasheet
40Kb / 1P
   Microphones
HMC1001A-65 JLWORLD-HMC1001A-65 Datasheet
48Kb / 1P
   Microphones
HMO1003A-65 JLWORLD-HMO1003A-65 Datasheet
404Kb / 1P
   Microphones
HMU1003A-67 JLWORLD-HMU1003A-67 Datasheet
39Kb / 1P
   Microphones
HMU0803A-58 JLWORLD-HMU0803A-58 Datasheet
44Kb / 1P
   Microphones
logo
STMicroelectronics
UM1575 STMICROELECTRONICS-UM1575 Datasheet
1Mb / 24P
   Spice model tutorial for Power MOSFETs
logo
JL World Company Limite...
HMO0603B-60 JLWORLD-HMO0603B-60 Datasheet
39Kb / 1P
   Microphones
HMO0403A-65 JLWORLD-HMO0403A-65 Datasheet
37Kb / 1P
   Microphones
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com