Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8888 Datasheet(PDF) 4 Page - TriQuint Semiconductor

Part # TAT8888
Description  CATV GaN Power Doubler Hybrid
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8888 Datasheet(HTML) 4 Page - TriQuint Semiconductor

  TAT8888 Datasheet HTML 1Page - TriQuint Semiconductor TAT8888 Datasheet HTML 2Page - TriQuint Semiconductor TAT8888 Datasheet HTML 3Page - TriQuint Semiconductor TAT8888 Datasheet HTML 4Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
TAT8888
CATV GaN Power Doubler Hybrid
Datasheet: Rev. E 04-03-15
- 4 of 4 -
Disclaimer: Subject to change without notice
© 2015 TriQuint Semiconductor, Inc
www.triquint.com / www.qorvo.com
RFMD + TriQuint = Qorvo
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations:
Web:
www.triquint.com
Tel: 877-800-8584
Email: customer.support@qorvo.com
For information about the merger of RFMD and TriQuint as Qorvo:
Web:
www.qorvo.com
For technical questions and application information:
Email: sjcapplications.engineering@qorvo.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein.
TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user.
All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TAT8888

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8888 TRIQUINT-TAT8888 Datasheet
793Kb / 11P
   CATV GaN Power Doubler MMIC
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT8888-1200 TRIQUINT-TAT8888-1200 Datasheet
793Kb / 11P
   CATV GaN Power Doubler MMIC
logo
Qorvo, Inc
TAT8888S1 QORVO-TAT8888S1 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
More results

Similar Description - TAT8888

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT8888 QORVO-TAT8888 Datasheet
341Kb / 4P
   CATV GaN Power Doubler Hybrid
logo
Analog Devices
ADCA3990 AD-ADCA3990 Datasheet
233Kb / 9P
   CATV Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT9988 TRIQUINT-TAT9988_15 Datasheet
793Kb / 11P
   CATV GaN Power Doubler MMIC
logo
RF Micro Devices
RFPD3540 RFMD-RFPD3540 Datasheet
299Kb / 5P
   GaAs/GaN Power Doubler Hybrid
RFPD3580 RFMD-RFPD3580 Datasheet
572Kb / 8P
   GaAs/GaN Power Doubler Hybrid
QPA3230 RFMD-QPA3230 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
QPA3240 RFMD-QPA3240 Datasheet
481Kb / 7P
   GaAs/GaN Power Doubler Hybrid
logo
TriQuint Semiconductor
TAT8857 TRIQUINT-TAT8857 Datasheet
539Kb / 8P
   CATV Doubler ??Hybrid RFIC
TAT8857A1H TRIQUINT-TAT8857A1H_15 Datasheet
776Kb / 12P
   CATV Doubler ??Hybrid RFIC
logo
Qorvo, Inc
QPA3357 QORVO-QPA3357 Datasheet
256Kb / 4P
   CATV Power Doubler Hybrid 1218MHz 28dB
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com