Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8804D1H-EBP Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TAT8804D1H-EBP
Description  21 dB CATV 12V Power Doubler
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8804D1H-EBP Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TAT8804D1H-EBP Datasheet HTML 4Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 5Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 6Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 7Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 8Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 9Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 10Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 11Page - TriQuint Semiconductor TAT8804D1H-EBP Datasheet HTML 12Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
TAT8804D1H
21 dB CATV 12V Power Doubler
Pin Configuration and Description
Amp
LIN
6
7
8
9
10
11
12
1
2
3
4
5
BIAS
37
35
36
33
34
40
38
39
16
18
17
20
19
13
15
14
27
26
25
24
23
22
21
32
31
30
29
28
BIAS
RFin A
RFin B
GND
CS
I
DD ADJ
V
DD
V
DD
V
DD
V
DD
RFOut A
V
DD
RFOut B
V
DD
GND
GND
N/C
GND
GND
GND
GND
GND
GND
GND
GND
Exposed Backside Pad (EP) - GND
Pin 1 Marking
Pin No.
Label
Description
2-4
RFin A
RF in A, requires external Balun. External DC Block required.
9-11
RFin B
RF in B, requires external Balun. External DC Block required.
5
ILIN
Current adjust pin to optimize Linearity
28-29
RFout A/VDD
RF Out A and supply voltage, external DC block & Balun required.
24-25
RFout B/VDD
RF Out B and supply voltage, external DC block & Balun required.
18-19, 34-35
VDD
Bias controller supply voltage
27
VCG ADJ
Common Gate adjustment to optimize common gate amplifier bias voltage
(normally open)
38
IDD ADJ
IDD current control (normally open), pulling to gnd lowers IDD current
1,8,12-17, 20-21, 26,
32-33, 36-37, 39-40
GND
RF/DC Ground Connection
6-7
GNDCS
Common Source ground degeneration, grounded with inductor. Full DC
current flows through this pin, inductor must handle total IDD current.
Backside Paddle
GND
RF/DC ground. Use recommended via pattern to minimize inductance and
thermal resistance. See PCB Mounting Pattern for suggested footprint.
22-23, 30-31, 39
N/C
No connection
Evaluation Board PCB Information
EB & EBP EVB PCB Material and Stack-up
Board Material: 0.062" FR4 ,
ε
r
=4.25
Plating: 2oz Copper
Board Dimension: 3" x 2"
2 oz Copper
FR4
2 oz Copper
0.062"
0.0014"
0.0014"
C9
R3
C10
C3
C4
R1
L4
L3
T2
T1
J1
J2
U1
L6
J3
L2
C19
Datasheet: Rev I 06-23-14
- 10 of 12 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com


Similar Part No. - TAT8804D1H-EBP

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H-PCB TRIQUINT-TAT8801A1H-PCB Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results

Similar Description - TAT8804D1H-EBP

ManufacturerPart #DatasheetDescription
logo
ANADIGICS, Inc
ACA2782 ANADIGICS-ACA2782 Datasheet
522Kb / 3P
   1 GHz, 21 dB Gain CATV Power Doubler Amplifier
ACA3742 ANADIGICS-ACA3742 Datasheet
595Kb / 5P
   870 MHz, 21 dB Gain CATV Power Doubler Amplifier
logo
California Eastern Labs
MC-7862G CEL-MC-7862G Datasheet
27Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7862 NEC-MC-7862 Datasheet
22Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7866G CEL-MC-7866G Datasheet
26Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC-7866G NEC-MC-7866G Datasheet
23Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
California Eastern Labs
MC-7862 CEL-MC-7862 Datasheet
25Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
MC-7866 CEL-MC-7866 Datasheet
25Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
logo
NEC
MC7866 NEC-MC7866 Datasheet
22Kb / 2P
   CATV 22 dB POWER DOUBLER AMPLIFIER
MC-7862G NEC-MC-7862G Datasheet
24Kb / 2P
   CATV 18 dB POWER DOUBLER AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com