Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

N80605M Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # N80605M
Description  10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 5M (16-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N80605M Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N80605M Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N80605M Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
OM3 can support 40GBASE-SR4 / 100GBASE-SR10 in applicable parallel optics networks
10Gb Duplex Multimode 50/125 OM3 LSZH Fiber
Patch Cable (SC/SC) - Aqua, 5M (16-ft.)
MODEL NUMBER: N806-05M
Description
Tripp Lite introduces it's new OM3 Laser-Optimized Multimode Fiber (LOMMF) "Aqua" cables, for use with 10Gb Ethernet applications. These new technology,
50/125um, SC/SC Fiber Optic cables, provide nearly three times the bandwidth over conventional 62.5um multimode fiber, with performance rivaling that of
Singlemode cable, at a much reduced cost. LOMMF cable allows 10Gb serial transmission over extended distances in the 850nm wavelength window, where
low-cost Vertical Cavity Surface Emitting Lasers (VCSELs) enable a cost-effective, high-bandwidth solution. LOMMF is ideally suited for LAN's, SAN's, and
high-speed parallel interconnects for head-ends, central offices, and data centers.
Features
5 Meter ( 15ft ) Sc/SC 10Gig, OM3 Rated
Use with VCSEL and LED laser light sources
High-Speed, High-Bandwidth, Low-Cost
Backward compatible with legacy LAN's
Ideal for Fibre Channel (SAN) applications
IEEE 802.3ae and TIA LOMMF compliant
10gb Ethernet speed to 300 meters @850nm
Specifications
OVERVIEW
Fiber Type
50/125 - OM3
Cable Type
Multimode; 10G/40G/100G
INPUT
Highlights
Designed for 10-Gig Ethernet
applications...OM3 rated
Backward compatible with
existing 50/125 fiber
Max 10Gb distance of 300
meters @850nm
Low-Smoke, Zero Halogen
(LSZH) Aqua jacket
Applications
For use with 10-Gigabit Ethernet
equipment
Package Includes
5 meter ( 15ft ) Duplex
Multimode 50/125 Aqua OM3
Fiber Patch Cable, SC/SC
1 / 2


Similar Part No. - N80605M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N80601M TRIPPLITE-N80601M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 1M (3-ft.)
N80602M TRIPPLITE-N80602M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 2M (6-ft)
N80603M TRIPPLITE-N80603M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 3M (10-ft.)
More results

Similar Description - N80605M

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
N806-05M TRIPPLITE-N806-05M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 5M (16-ft.)
N81605M TRIPPLITE-N81605M Datasheet
487Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (LC-SC) - Aqua, 5M (16-ft)
N816-05M TRIPPLITE-N816-05M Datasheet
157Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (LC/SC) - Aqua, 5M (16-ft.)
N806-15M TRIPPLITE-N806-15M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 15M (50-ft.)
N80615M TRIPPLITE-N80615M Datasheet
506Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 15M (50-ft)
N80601M TRIPPLITE-N80601M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 1M (3-ft.)
N80602M TRIPPLITE-N80602M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 2M (6-ft)
N806-02M TRIPPLITE-N806-02M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 2M (6-ft.)
N806-03M TRIPPLITE-N806-03M Datasheet
164Kb / 2P
   10Gb Duplex Multimode 50/125 OM3 LSZH Fiber Patch Cable (SC/SC) - Aqua, 3M (10-ft.)
N80610M TRIPPLITE-N80610M Datasheet
505Kb / 2P
   10Gb Duplex Multimode 50-125 OM3 LSZH Fiber Patch Cable (SC-SC) - Aqua, 10M (33-ft)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com