Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT8801A1H-PCB Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT8801A1H-PCB
Description  75 CATV Output Stage Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT8801A1H-PCB Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT8801A1H-PCB Datasheet HTML 1Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 2Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 3Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 4Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 5Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 6Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 7Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 8Page - TriQuint Semiconductor TAT8801A1H-PCB Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TAT8801A1H
75 Ω CATV Output Stage Amplifier
Datasheet: Rev. D 04-29-14
- 2 of 10 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Device Voltage (VDD)
+11.7 +12
+12.3
V
Case Temperature
−40
+85
°C
Tj for >106 hours MTTF
150
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−40 to 150 °C
Device Voltage (VDD)
+16 V
Device Current (IDD)
700 mA
RF Input Power (single tone)
75 dBmV
Operation of this device outside the parameter ranges
given above may cause permanent damage.
Electrical Specifications
Test conditions unless otherwise noted: VDD = +12 V, ICC = 585 mA (typ.), TAMBIENT = +25 °C, 75 Ω system
Parameter
Conditions
Min
Typ
Max Units
Operational Frequency Range
40
1000
MHz
Current
585
mA
Gain
10.5
11.2
11.7
dB
Gain Flatness(1)
Peak deviation from least squared fit curve.
±0.25
±0.3
dB
Gain Slope
−0.5
+0.5
dB
Input Return Loss
14
17
dB
Output Return Loss
17
18
dB
CSO
80 Ch. NTSC, + 56 dBmV/ch at 1002 MHz,
15.6 dB tilt, QAM from 553 MHz to 1002 MHz
at 6 dB offset.
−69
dBc
CTB
−72
dBc
XMOD
−72
dBc
CIN
56
dB
Output P1dB
+34
dBm
Output IP3
f1=225 MHz, f2=325 MHz, Pout =+17 dBm/tone
+49
dBm
Thermal Resistance, θjc
Junction to case
8.1
°C/W


Similar Part No. - TAT8801A1H-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8804D1H TRIQUINT-TAT8804D1H Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EB TRIQUINT-TAT8804D1H-EB Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H-EBP TRIQUINT-TAT8804D1H-EBP Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
TAT8804D1H TRIQUINT-TAT8804D1H_15 Datasheet
483Kb / 12P
   21 dB CATV 12V Power Doubler
More results

Similar Description - TAT8801A1H-PCB

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com