Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRHM2C50SE Datasheet(PDF) 3 Page - International Rectifier

Part # IRHM2C50SE
Description  TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRHM2C50SE Datasheet(HTML) 3 Page - International Rectifier

  IRHM2C50SE Datasheet HTML 1Page - International Rectifier IRHM2C50SE Datasheet HTML 2Page - International Rectifier IRHM2C50SE Datasheet HTML 3Page - International Rectifier IRHM2C50SE Datasheet HTML 4Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Table 2. High Dose Rate
ˆ
1011 Rads (Si)/sec 1012 Rads (Si)/sec
Parameter
Min Typ Max
Min Typ Max
Units
Test Conditions
V
DSS
Drain-to-Source Voltage
480
480
V
Applied drain-to-source voltage during
gamma-dot
IPP
6.4
6.4
A
Peak radiation induced photo-current
di/dt
16
2.3 A/µsec Rate of rise of photo-current
L1
20
137
µH
Circuit inductance required to limit di/dt
Table 3. Single Event Effects
‰
LET (Si)
Fluence
Range
VDS Bias
VGS Bias
Parameter
Typical
Units
Ion
(MeV/mg/cm2)
(ions/cm2)
(µm)
(V)
(V)
BVDSS
600
V
Ni
28
1 x 105
~35
480
-5
Radiation Performance of Rad Hard HEXFETs
IRHM2C50SE, IRHM7C50SE Devices
Radiation Characteristics
Table 1. Low Dose Rate
† ‡
IRHM2C50SE 50K Rads (Si)
Parameter
IRHM7C50SE 100K Rads (Si)
Units
Test Conditions
Š
Min
Max
BVDSS
Drain-to-Source Breakdown Voltage
600
V
VGS = 0V, ID = 1.0mA
VGS(th)
Gate Threshold Voltage
„
2.5
4.5
VGS = VDS, ID = 1.0mA
IGSS
Gate-to-Source Leakage Forward
100
nA
VGS = 20V
IGSS
Gate-to-Source Leakage Reverse
-100
VGS = -20V
IDSS
Zero Gate Voltage Drain Current
50
µA
VDS=0.8 x Max Rating, VGS=0V
RDS(on)1
Static Drain-to-Source
„
0.60
VGS = 12V, ID =6.5A
On-State Resistance One
VSD
Diode Forward Voltage
„
1.62
V
TC = 25°C, IS = 10.4A,VGS = 0V
International Rectifier Radiation Hardened HEXFETs
are tested to verify their hardness capability.The hard-
ness assurance program at International Rectifier uses
two radiation environments.
Every manufacturing lot is tested in a low dose rate
(total dose) environment per MlL-STD-750, test
method 1019. International Rectifier has imposed a
standard gate voltage of 12 volts per note 6 and a
VDSS bias condition equal to 80% of the device rated
voltage per note 7. Pre- and post-radiation limits of
the devices irradiated to 0.5 X 105 Rads(Si) and 1 x
105 Rads (Si) are identical and are presented in Table
1, column 1, IRHM2C50SE and IRHM7C50SE, re-
spectively. The values in Table 1 will be met for either
of the two low dose rate test circuits that are used.
Both pre- and post-radiation performance are tested
and specified using the same drive circuitry and test
conditions in order to provide a direct comparison. It
should be noted that at a radiation level of 1 x 105
Rads (Si) no changes in limits are specified in DC
parameters.
High dose rate testing may be done on a special
request basis using a dose rate up to 1 x 1012 Rads
(Si)/Sec.
International Rectifier radiation hardened HEXFETs
have been characterized in neutron and heavy ion
Single Event Effects (SEE) environments. Single Event
Effects characterization is shown in Table 3.
To Order
Next Data Sheet
Index
Previous Datasheet


Similar Part No. - IRHM2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHM3054 IRF-IRHM3054 Datasheet
166Kb / 8P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
IRHM3130 IRF-IRHM3130 Datasheet
488Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM3150 IRF-IRHM3150 Datasheet
444Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE
IRHM3160 IRF-IRHM3160 Datasheet
137Kb / 8P
   REPETITIVE AVALANCHE AND dv/dt RATED HEXFET TRANSISTOR
IRHM3250 IRF-IRHM3250 Datasheet
271Kb / 12P
   RADIATION HARDENED POWER MOSFET THRU-HOLE (TO-254AA)
More results

Similar Description - IRHM2C50SE

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRHN2C50SE IRF-IRHN2C50SE Datasheet
110Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=600V, Rds(on)=0.60ohm, Id=10.4A)
JANTX2N6782 IRF-JANTX2N6782 Datasheet
232Kb / 6P
   POWER MOSFET N-CHANNEL(BVdss=100V, Rds(on)=0.60ohm, Id=3.5A)
JANTX2N6845 IRF-JANTX2N6845 Datasheet
232Kb / 6P
   POWER MOSFET P-CHANNEL(BVdss=-100V, Rds(on)=0.60ohm, Id=-4.0A)
IRFM260 IRF-IRFM260 Datasheet
442Kb / 8P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.060ohm, Id=35A*)
IRHI7460SE IRF-IRHI7460SE Datasheet
131Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
C50IRF IRF-C50IRF Datasheet
164Kb / 6P
   Power MOSFET(Vdss=600V, Rds(on)=0.60ohm, Id=11A)
IRHI7360SE IRF-IRHI7360SE Datasheet
112Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=400V, Rds(on)=0.20ohm, Id=24.3A)
IRHNA7460SE IRF-IRHNA7460SE Datasheet
139Kb / 4P
   TRANSISTOR N-CHANNEL(BVdss=500V, Rds(on)=0.32ohm, Id=20A)
IRHN7130 IRF-IRHN7130 Datasheet
508Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=100V, Rds(on)=0.18ohm, Id=14)
IRHN7250 IRF-IRHN7250 Datasheet
587Kb / 14P
   TRANSISTOR N-CHANNEL(BVdss=200V, Rds(on)=0.10ohm, Id=26A)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com