Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7469 Datasheet(PDF) 2 Page - TriQuint Semiconductor

Part # TAT7469
Description  CATV 75 HEMT Dual RF Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7469 Datasheet(HTML) 2 Page - TriQuint Semiconductor

  TAT7469 Datasheet HTML 1Page - TriQuint Semiconductor TAT7469 Datasheet HTML 2Page - TriQuint Semiconductor TAT7469 Datasheet HTML 3Page - TriQuint Semiconductor TAT7469 Datasheet HTML 4Page - TriQuint Semiconductor TAT7469 Datasheet HTML 5Page - TriQuint Semiconductor TAT7469 Datasheet HTML 6Page - TriQuint Semiconductor TAT7469 Datasheet HTML 7Page - TriQuint Semiconductor TAT7469 Datasheet HTML 8Page - TriQuint Semiconductor TAT7469 Datasheet HTML 9Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TAT7469
CATV 75 Ω pHEMT Dual RF Amplifier
Datasheet: Rev I 6-11-14
- 2 of 11-
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Recommended Operating Conditions
Parameter
Min Typ Max Units
Device Voltage (VDD)
5.0
V
Device Voltage (IDD)
250
mA
Case Temperature
−40
+85
°C
Tj for >106 hours MTTF
+145
°C
Electrical specifications are measured at specified test
conditions. Specifications are not guaranteed over all
recommended operating conditions.
Absolute Maximum Ratings
Parameter
Rating
Storage Temperature
−55 to 150°C
Device Voltage (VDD)
+10 V
Device Current (IDD)
400 mA(†)
Operation of this device outside the parameter ranges given
above may cause permanent damage.
Total current of both amplifiers, individual side cannot
exceed half this value as an independent amplifier
Electrical Specifications
Test conditions unless otherwise noted:
TAT7469-SC8-EB Evaluation board, VDD=+5 V, Heatsink Temp= +25°C, Zo = 75Ω , BIAS (J2) pin to GND
Parameter
Conditions
Min
Typ
Max
Units
Operational Frequency Range
50
1200
MHz
Gain
50 To 1200 MHz
17.0
17.5
dB
Gain Flatness(1)
50 To 1000 MHz
±0.75
dB
Input Return Loss
50 To 1000 MHz
18
dB
>1000 To 1200 MHz
17
Output Return Loss
50 To 1000 MHz
23
dB
>1000 To 1200 MHz
17
Output IP2(3)
Pout = +10 dBm/tone
f1=225 MHz, f2=325 MHz
184 mA < IDD < 315 mA
+70
+77
dBm
Output IP3
+37
+38
dBm
Noise Figure
Freq.=1000 MHz
3.2
dB
Device Current (IDD)(2)
184
250
315
mA
Thermal Resistance, θjb
Junction to base
13
°C/W
Notes:
1. Flatness determined by deviation from a straight-line curve fit.
2. R3 and R4 are used to set the bias current, 10 kΩ.
3. Low side intermod at 200 MHz.


Similar Part No. - TAT7469

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460 TRIQUINT-TAT7460 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460-EVB TRIQUINT-TAT7460-EVB Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A-EVB TRIQUINT-TAT7460B1A-EVB Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
More results

Similar Description - TAT7469

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
   75 HEMT Adjustable Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B Datasheet
388Kb / 7P
   CATV 75 廓 pHEMT High Gain RF Amplifier
logo
Qorvo, Inc
QPB7400 QORVO-QPB7400 Datasheet
962Kb / 13P
   CATV 75 Adjustable Low Gain (9??1dB) RF Amplifier
logo
TriQuint Semiconductor
TAT2801 TRIQUINT-TAT2801_15 Datasheet
663Kb / 10P
   75 CATV Output Stage Amplifier
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com