Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7460 Datasheet(PDF) 8 Page - TriQuint Semiconductor

Part # TAT7460
Description  75 5V 50 2600 MHz RF Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7460 Datasheet(HTML) 8 Page - TriQuint Semiconductor

  TAT7460 Datasheet HTML 1Page - TriQuint Semiconductor TAT7460 Datasheet HTML 2Page - TriQuint Semiconductor TAT7460 Datasheet HTML 3Page - TriQuint Semiconductor TAT7460 Datasheet HTML 4Page - TriQuint Semiconductor TAT7460 Datasheet HTML 5Page - TriQuint Semiconductor TAT7460 Datasheet HTML 6Page - TriQuint Semiconductor TAT7460 Datasheet HTML 7Page - TriQuint Semiconductor TAT7460 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
TAT7460
75
Ω 5V 50-2600 MHz RF Amplifier
Datasheet: Rev C 02-04-13
- 8 of 8 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1A+
Value:
≥ 450V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes ≥ 1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with both lead-free (260°C maximum
reflow temperature) and tin/lead (245°C maximum
reflow temperature) soldering processes.
Contact plating: Annealed matte tin over copper.
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive
(Restrictions
on
the
Use
of
Certain
Hazardous Substances in Electrical and Electronic
Equipment).
This product also has the following attributes:
 Lead Free
 Halogen Free (Chlorine, Bromine)
 Antimony Free
 TBBP-A (C
15H12Br402) Free
 PFOS Free
 SVHC Free
MSL Rating
MSL Rating: Level 3
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and
information about TriQuint:
Web:
www.triquint.com
Tel:
+1.707.526.4498
Email: info-sales@tqs.com
Fax:
+1.707.526.1485
For technical questions and application information:
Email: sjcapplications.engineering@tqs.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein.
The information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated
with such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe
personal injury or death.


Similar Part No. - TAT7460

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460B1A TRIQUINT-TAT7460B1A Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A-EVB TRIQUINT-TAT7460B1A-EVB Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
More results

Similar Description - TAT7460

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
logo
M/A-COM Technology Solu...
MAAM-011117 MA-COM-MAAM-011117 Datasheet
986Kb / 6P
   75??, 5V RF Amplifier
logo
TriQuint Semiconductor
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B_15 Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75, 50-1200 MHz
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
M/A-COM Technology Solu...
A36-2 MA-COM-A36-2 Datasheet
635Kb / 3P
   Cascadable Amplifier 10 to 2600 MHz
logo
Tyco Electronics
PA38-2 MACOM-PA38-2 Datasheet
104Kb / 1P
   200 TO 2600 MHz CASCADABLE AMPLIFIER
A36-2 MACOM-A36-2 Datasheet
372Kb / 2P
   Cascadable Amplifier 100 to 2600 MHz
logo
M/A-COM Technology Solu...
SMA36-2 MA-COM-SMA36-2 Datasheet
1Mb / 2P
   Cascadable Amplifier 10 to 2600 MHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com