Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT7427B-T1 Datasheet(PDF) 6 Page - TriQuint Semiconductor

Part # TAT7427B-T1
Description  High Gain RF Amplifier, 75, 50-1200 MHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT7427B-T1 Datasheet(HTML) 6 Page - TriQuint Semiconductor

  TAT7427B-T1 Datasheet HTML 1Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 2Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 3Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 4Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 5Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 6Page - TriQuint Semiconductor TAT7427B-T1 Datasheet HTML 7Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
TAT7427B
High Gain RF Amplifier, 75
Ω, 50-1200 MHz
Data Sheet: Rev A 05-15-11
- 6 of 7 -
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Mechanical Information
Package Information and Dimensions
This package is lead-free, RoHS-compliant, and green. The
plating material on the pins is 100% matte tin.
It is
compatible with both lead-free (maximum 260
°C reflow
temperature)
and
leaded
(maximum
245
°C reflow
temperature) soldering processes.
The TAT7427B will be marked with a “TAT7427B”
designator
and
an
8
digit
alphanumeric
lot
code
(XXXXYYWW). The first 4 digits (XXXX) are the lot code.
The last 4 digits (YYWW) are the date code consisting of the
year and work week of assembly.
Mounting Configuration
All dimensions are in millimeters (inches). Angles are in degrees.
Notes:
1. Ground / thermal vias are critical for the proper performance of this device. Vias should use a .35mm (#80 / .0135”) diameter drill and
have a final plated thru diameter of .25 mm (.010”).
2. Add as much copper as possible to inner and outer layers near the part to ensure optimal thermal performance.


Similar Part No. - TAT7427B-T1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT7427B-T1 QORVO-TAT7427B-T1 Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B-T1-EB TRIQUINT-TAT7427B-T1-EB Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
logo
Qorvo, Inc
TAT7427B-T1-EB QORVO-TAT7427B-T1-EB Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
More results

Similar Description - TAT7427B-T1

ManufacturerPart #DatasheetDescription
logo
Qorvo, Inc
TAT7427B QORVO-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 , 50-1200 MHz
logo
TriQuint Semiconductor
TAT7427B TRIQUINT-TAT7427B Datasheet
319Kb / 7P
   High Gain RF Amplifier, 75 廓, 50-1200 MHz
TAT7461 TRIQUINT-TAT7461_15 Datasheet
499Kb / 7P
   75 Ohm RF Amplifier 50 1000 MHz
TAT7460 TRIQUINT-TAT7460_15 Datasheet
596Kb / 8P
   75 5V 50 2600 MHz RF Amplifier
TAT7460B1A TRIQUINT-TAT7460B1A_15 Datasheet
603Kb / 7P
   75 5V 50 2600 MHz RF Amplifier
logo
Advanced Semiconductor ...
ASA306B ASB-ASA306B Datasheet
1Mb / 9P
   50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
January 2015
ASA303A ASB-ASA303A Datasheet
825Kb / 9P
   50 ~ 1200 MHz Gain Adjustable Trans-impedance Amplifier MMIC
June 2014
logo
TriQuint Semiconductor
TAT7430B TRIQUINT-TAT7430B_15 Datasheet
388Kb / 7P
   CATV 75 HEMT High Gain RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
logo
TriQuint Semiconductor
TAT7457 TRIQUINT-TAT7457_15 Datasheet
839Kb / 10P
   75 HEMT Adjustable Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com