Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

N28205MBK Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part No. N28205MBK
Description  QSFP plus to QSFP plus 40Gb Passive DAC Copper Infiniband Cable, 5M (16-ft)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

N28205MBK Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  N28205MBK Datasheet HTML 1Page - Tripp Lite. All Rights Reserved N28205MBK Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
QSFP+ to QSFP+ 40Gb Passive DAC Copper
Infiniband Cable, 5M (16-ft.)
MODEL NUMBER: N282-05M-BK
Description
Tripp Lite's 5m QSFP+ (QSFP Plus) 40GBASE-CR4 / 802.3ba qualified passive copper cable provides next
generation performance by combining four 10 Gb/s SFP+ channels into one affordable high-density package.
Our QSFP+ cables integrate a new 40G Ethernet-optimized (40GbE) 38-position “board-as-connector” design,
with zinc die-cast backshells for superior EMI resistance, minimal insertion loss, and improved cross-talk
performance. Cable featuress 8-pair wire technology optimized for bandwidth-intense applications including
40-Gigabit Ethernet (40GBASE-CR4), 6G SAS, Fibre Channel and SONET. Flexible 24 AWG conductors
maintain a smooth, high-frequency response (20 GHz). Each 5m (16.4-ft) length QSFP+ cable goes through a
rigorous assembly and test procedure aimed at eliminating unnecessary signal loss. Our cables are fully
compliant to the QSFP+ MSA and SFF-8436 architecture for guaranteed compatibility with all QSFP and QSFP+
ports.
Features
5 Meter QSFP+ tp QSFP+ 40Gb Passive DAC Copper Infiniband cable
Meets or Exceeds strict 40-Gigabit Ethernet 40GBase-CR4 standards
SDR, DDR, and QDR Compatible
QSFP+ to QSFP+ 24AWG SFF-8436 compliant cable and connector
Up to 10.3125 Gbps transfer rate per channel ( 40Gb aggregate )
Multi-platform support for 40Gb, SAS, Fibre Channel, and SONET
Zinc die-cast QSFP+ connectors with "Pull-to-Release" latching
Fully compliant to latest QSFP+ MSA ( Multi Source Agreement )
Lower port cost and reduced power budget vs Fiber Optics
RoHS, SFF-8436, and IEEE 802.3ba Compliant
BER better than 10¹²
Specifications
Highlights
40Gbps QSFP+ to QSFP+ 5
Meter patch cable
Meets or Exceeds 40-Gigabit
Ethernet 4oGBASE-CR4
standards
Fully compliant to the latest
QSFP+ MSA ( Multi Source
Agreement )
SDR, DDR, and QDR Compatible
Applications
Storage Area Networks ( SAN )
Data Center Cabling
Infrastructure
High Density Connections
Switched fabric I/O ( Ultra High
Bandwidth Switches & Routers )
System Requirements
Networking Switch or other
hardware with open QSFP+
Port(s)
Package Includes
5 Meter, QSFP+ to QSFP+ High
Speed Passive Copper 40GB
Cable
1 / 2


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn