Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN2317 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN2317
Description  Energy Metering IC External Circuits
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2317 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN2317 Datasheet HTML 16Page - STMicroelectronics AN2317 Datasheet HTML 17Page - STMicroelectronics AN2317 Datasheet HTML 18Page - STMicroelectronics AN2317 Datasheet HTML 19Page - STMicroelectronics AN2317 Datasheet HTML 20Page - STMicroelectronics AN2317 Datasheet HTML 21Page - STMicroelectronics AN2317 Datasheet HTML 22Page - STMicroelectronics AN2317 Datasheet HTML 23Page - STMicroelectronics AN2317 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
External Circuit Design
AN2317 - Application
20/27
The input current (IIN) is limited by R1 and the capacitive reactance of C2 (see Equation 28
and
Equation 29), and is expressed as:
Equation 27
where,
XC2 = C2 reactance.
Note:
R1 is used to limit inrush current, but it dissipates power.
By adding a low-cost half-wave rectifier, current is allowed to be supplied by the source
during the positive half, where,
VINRMS = RMS voltage of the half-wave AC waveform, and is expressed as follows:
Equation 28
where,
VPEAK = mains peak voltage (i.e. United States = 115V/60Hz and
Europe = 220V/50Hz), and
VZ = the voltage drop across D1 and D3.
XC2 = Capacitor reactance, and is expressed as:
Equation 29
By substituting the values expressed in
Equation 27 with those in Equation 28 and Equation
29, the results are as follows:
Equation 30
Assuming that the voltage drop across each diode is 0.7V, then the total voltage drop is
expressed as:
Equation 31
I
IN
V
IN R MS
()
X
C2
R
1
+
-------------------------
=
V
IN RM S
()
1
2
---
V
PEAK
V
Z
2
-------------------------------
=
X
C2
1
2
πfC
2
----------------
=
I
IN
V
PEAK
V
Z
22 X
C2
R
1
+
()
----------------------------------------
2V
mains
V
Z
22 X
C2
R
1
+
()
----------------------------------------
==
V
Z
V
D1
V
D3
5
0.7 2
6.4V
=
+
=
+
=


Similar Part No. - AN2317

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN2316 STMICROELECTRONICS-AN2316 Datasheet
440Kb / 24P
   Improved ST7LITE05 AC Chopper Driver Solution
AN2319 STMICROELECTRONICS-AN2319 Datasheet
70Kb / 8P
   Using the 64-bit UID in contactless RFID applications
logo
List of Unclassifed Man...
AN231E04 ETC2-AN231E04 Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
AN231E04-E2-QFNSP ETC2-AN231E04-E2-QFNSP Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
AN231E04-E2-QFNTR ETC2-AN231E04-E2-QFNTR Datasheet
438Kb / 24P
   Dynamically Reconfigurable dpASP
More results

Similar Description - AN2317

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADE9153B AD-ADE9153B Datasheet
68Kb / 2P
   Energy Metering IC
logo
Sames
PM2007MSE SAMES-PM2007MSE Datasheet
680Kb / 10P
   Energy Metering IC
logo
Analog Devices
ADE7880 AD-ADE7880 Datasheet
1Mb / 104P
   Polyphase Multifunction Energy Metering IC
REV. A
ADE9153A AD-ADE9153A Datasheet
505Kb / 50P
   Energy Metering IC with Autocalibration
AD7755 AD-AD7755 Datasheet
250Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
logo
Silan Microelectronics ...
SC3333 SILAN-SC3333 Datasheet
494Kb / 7P
   ENERGY METERING IC WITH PULSE OUTPUT
logo
Analog Devices
AD7755 AD-AD7755_15 Datasheet
275Kb / 16P
   Energy Metering IC with Pulse Output
REV. B
ADE7755 AD-ADE7755_15 Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
logo
Sames
SA9904B SAMES-SA9904B_17 Datasheet
552Kb / 18P
   Three Phase Multifunction Energy Metering IC
logo
Analog Devices
EVAL-ADE7755ZEB AD-EVAL-ADE7755ZEB Datasheet
457Kb / 20P
   Energy Metering IC with Pulse Output
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com