Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4825P Datasheet(PDF) 3 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4825P
Description  P-Channel Mode Power MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4825P Datasheet(HTML) 3 Page - SeCoS Halbleitertechnologie GmbH

  SSG4825P_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4825P_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4825P_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4825P_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Elektronische Bauelemente
SSG4825P
-11.5 A, 30 V, RDS(ON) 13 m
P-Channel Mode Power MOSFET
31-Dec-2010 Rev. B
Page 3 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
Typical Electrical Characteristics (P-Channel)


Similar Part No. - SSG4825P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4825PE SECOS-SSG4825PE Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
SSG4825PE SECOS-SSG4825PE_15 Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
More results

Similar Description - SSG4825P_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4407PE SECOS-SSG4407PE Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
SSG4825PE SECOS-SSG4825PE_15 Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
SSG4825P SECOS-SSG4825P Datasheet
700Kb / 4P
   P-Channel Mode Power MOSFET
SSG4825PE SECOS-SSG4825PE Datasheet
154Kb / 2P
   P-Channel Mode Power MOSFET
SSG4407PE SECOS-SSG4407PE_15 Datasheet
130Kb / 2P
   P-Channel Mode Power MOSFET
logo
AiT Semiconductor Inc.
AM3407 AITSEMI-AM3407 Datasheet
698Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV3.0
AM2317A AITSEMI-AM2317A Datasheet
651Kb / 8P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM3401 AITSEMI-AM3401 Datasheet
791Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
AM3415A AITSEMI-AM3415A Datasheet
838Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV1.0
AM2305 AITSEMI-AM2305 Datasheet
749Kb / 9P
   MOSFET P-CHANNEL ENHANCEMENT MODE POWER MOSFET
REV2.0
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com