Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSG4503 Datasheet(PDF) 5 Page - SeCoS Halbleitertechnologie GmbH

Part # SSG4503
Description  Enhancement Mode Power Mos.FET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSG4503 Datasheet(HTML) 5 Page - SeCoS Halbleitertechnologie GmbH

  SSG4503_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 5Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 6Page - SeCoS Halbleitertechnologie GmbH SSG4503_15 Datasheet HTML 7Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
01-Jun-2002 Rev. A
Page
5 of 7
http://www.SeCoSGmbH.com/
Any changing of specification will not be informed individual
N-Channel
Fig 10. Effective Transient Thermal Impedance
Fig 9. Maximum Safe Operating Area
Fig 8. Typical Capacitance Characteristics
Fig 7. Gate Charge Characteristics
Fig 11. Switching Time Waveform
Fig 12. Gate Charge Waveform
Elektronische Bauelemente
SSG4503
N Channel 6.9A, 30V,RDS(ON) 28m
Enhancement Mode Power Mos.FET
P Channel -6.3A, -30V,RDS(ON) 36m
Ω
Ω


Similar Part No. - SSG4503_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4503A SECOS-SSG4503A Datasheet
1Mb / 7P
   Enhancement Mode Power Mos.FET
SSG4503A-C SECOS-SSG4503A-C Datasheet
631Kb / 7P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503J SECOS-SSG4503J Datasheet
411Kb / 5P
   N & P-Ch Enhancement Mode Power MOSFET
SSG4503J-C SECOS-SSG4503J-C Datasheet
404Kb / 4P
   N & P-Ch Enhancement Mode Power MOSFET
More results

Similar Description - SSG4503_15

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SSG4505 SECOS-SSG4505 Datasheet
984Kb / 7P
   Enhancement Mode Power Mos.FET
SSG4503 SECOS-SSG4503 Datasheet
1Mb / 7P
   Enhancement Mode Power Mos.FET
SSG4503A SECOS-SSG4503A Datasheet
1Mb / 7P
   Enhancement Mode Power Mos.FET
SSG4501 SECOS-SSG4501_15 Datasheet
881Kb / 9P
   Enhancement Mode Power Mos.FET
SSG4501 SECOS-SSG4501 Datasheet
841Kb / 9P
   Enhancement Mode Power Mos.FET
SSG4565 SECOS-SSG4565 Datasheet
476Kb / 7P
   Enhancement Mode Power Mos.FET
SSG4575 SECOS-SSG4575 Datasheet
632Kb / 7P
   Enhancement Mode Power Mos.FET
SID3055 SECOS-SID3055_15 Datasheet
1Mb / 6P
   N-Channel Enhancement Mode Power Mos.FET
SSG9575 SECOS-SSG9575_15 Datasheet
238Kb / 4P
   P-Channel Enhancement Mode Power Mos.FET
SST2604 SECOS-SST2604_15 Datasheet
857Kb / 4P
   N-Channel Enhancement Mode Power Mos.FET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com