Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA1630D08 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HA1630D08
Description  Dual CMOS High Drive Operational Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA1630D08 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HA1630D08_15 Datasheet HTML 5Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 6Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 7Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 8Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 9Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 10Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 11Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 12Page - Renesas Technology Corp HA1630D08_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
HA1630D08
REJ03D0860-0200 Rev.2.00 Nov 30, 2007
Page 7 of 14
Test Circuits (cont.)
(Unless otherwise noted, VDD = 3 V, VSS = 0 V, Ta = 25°C)
15. Channel Separation, CS
16. Noise Input Voltage, VNI
14. Open Loop Voltage Gain, AV
V
+
1.5 V
VOUT
1 k
1 M
–1.5 V
50
V
+
1.5 V
VOUT
10 k
1 M
–1.5 V
10 to 100 MHz
–40 dBm
V
VIN
50
V
+
1.5 V
VOUT1
10 k
10 k
–1.5 V
10 to 100 MHz
10 dBm
Channel 1
V
+
1.5 V
VOUT2
10 k
1 M
–1.5 V
Channel 2
AV = 20log10
101
× |VOUT|
|VIN|
VNI =
VOUT
1001
CS = 20log10
101
× |VOUT2|
|VOUT1|


Similar Part No. - HA1630D08_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D08MM RENESAS-HA1630D08MM Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630D08T RENESAS-HA1630D08T Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
More results

Similar Description - HA1630D08_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA1630D07 RENESAS-HA1630D07 Datasheet
235Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630D07 RENESAS-HA1630D07_15 Datasheet
258Kb / 17P
   Dual CMOS High Drive Operational Amplifier
HA1630D08 RENESAS-HA1630D08 Datasheet
252Kb / 15P
   Dual CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07_15 Datasheet
316Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08_15 Datasheet
337Kb / 16P
   Single CMOS High Drive Operational Amplifier
HA1630S08 RENESAS-HA1630S08 Datasheet
286Kb / 15P
   Single CMOS High Drive Operational Amplifier
HA1630S07 RENESAS-HA1630S07 Datasheet
268Kb / 15P
   Single CMOS High Drive Operational Amplifier
logo
ELM Electronics
ELM854-SERIES ELM-ELM854-SERIES Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
ELM854 ELM-ELM854 Datasheet
1Mb / 9P
   CMOS Dual operational amplifier
logo
Texas Instruments
LMC6032 TI1-LMC6032 Datasheet
1Mb / 25P
[Old version datasheet]   CMOS Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com