Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FYL-25F3ED1D Datasheet(PDF) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

Part # FYL-25F3ED1D
Description  LED Lamp
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORYARD [Ningbo Foryard Optoelectronics Co., Ltd.]
Direct Link  http://www.foryard.com
Logo FORYARD - Ningbo Foryard Optoelectronics Co., Ltd.

FYL-25F3ED1D Datasheet(HTML) 2 Page - Ningbo Foryard Optoelectronics Co., Ltd.

  FYL-25F3ED1D Datasheet HTML 1Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-25F3ED1D Datasheet HTML 2Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-25F3ED1D Datasheet HTML 3Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-25F3ED1D Datasheet HTML 4Page - Ningbo Foryard Optoelectronics Co., Ltd. FYL-25F3ED1D Datasheet HTML 5Page - Ningbo Foryard Optoelectronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Model. No.
FYL-25F3ED1D
Rev.
A
Http://www.foryard.com
Features
1.
Low power consumption.
2.
High efficiency.
3.
General purpose leads.
4.
RoHs compliant.
Package configuration
Notes:
1. All dimensions are millimeters (inches)
2. Tolerance is ±0.25mm(.010”) unless otherwise noted.
3. The specifications, characteristics and technical data described in the datasheet are subject to
change without prior notice.


Similar Part No. - FYL-25F3ED1D

ManufacturerPart #DatasheetDescription
logo
Ningbo Foryard Optoelec...
FYL-25F3GD1D FORYARD-FYL-25F3GD1D Datasheet
273Kb / 5P
   LED Lamp
FYL-25F3LRC1D FORYARD-FYL-25F3LRC1D Datasheet
153Kb / 3P
   LED LAMP
FYL-25F3LRD1D FORYARD-FYL-25F3LRD1D Datasheet
272Kb / 5P
   LED Lamp
FYL-25F3MUGC1D FORYARD-FYL-25F3MUGC1D Datasheet
149Kb / 3P
   LED LAMP
FYL-25F3PGC1D FORYARD-FYL-25F3PGC1D Datasheet
150Kb / 3P
   LED LAMP
More results

Similar Description - FYL-25F3ED1D

ManufacturerPart #DatasheetDescription
logo
AUK corp
SM5411 AUK-SM5411 Datasheet
166Kb / 3P
   LED Lamp
SM5511 AUK-SM5511 Datasheet
187Kb / 3P
   LED Lamp
SG3317 AUK-SG3317_1 Datasheet
181Kb / 4P
   LED Lamp
SA3412 AUK-SA3412 Datasheet
57Kb / 3P
   LED Lamp
SM3317-H AUK-SM3317-H Datasheet
182Kb / 4P
   LED Lamp
SM3317-L AUK-SM3317-L Datasheet
180Kb / 4P
   LED Lamp
SY5311 AUK-SY5311 Datasheet
179Kb / 4P
   LED Lamp
logo
Visual Communications C...
VAOL-10GAT4 VCC-VAOL-10GAT4 Datasheet
584Kb / 3P
   LED LAMP
logo
KODENSHI_AUK CORP.
SW3318E-G KODENSHI-SW3318E-G Datasheet
334Kb / 7P
   LAMP LED
SY3318-V KODENSHI-SY3318-V Datasheet
251Kb / 3P
   LAMP LED
SY3418-E KODENSHI-SY3418-E Datasheet
256Kb / 3P
   LAMP LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com