Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

HD74HCT534 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HD74HCT534
Description  Octal D-type Flip-Flops (with 3-state outputs) Octal D-type Flip-Flops (with inverted 3-state outputs)
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo 

HD74HCT534 Datasheet(HTML) 6 Page - Renesas Technology Corp

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HD74HCT374, HD74HCT534
Rev.2.00 Mar 30, 2006 page 4 of 7
Electrical Characteristics
Ta = 25°C
Ta = –40 to+85°C
Item
Symbol
VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
VIH
4.5 to 5.5
2.0
2.0
V
Input voltage
VIL
4.5 to 5.5
0.8
0.8
V
4.5
4.4
4.4
V
IOH = –20
µA
VOH
4.5
4.18
4.13
Vin = VIH or VIL
IOH = –6 mA
4.5
0.1
0.1
V
IOL = 20
µA
Output voltage
VOL
4.5
0.26
0.33
Vin = VIH or VIL
IOL = 6 mA
Off-state output
current
IOZ
5.5
±0.5
±5.0
µA
Vin = VIH or VIL,
Vout = VCC or GND
Input current
Iin
5.5
±0.1
±1.0
µA
Vin = VCC or GND
Quiescent current
ICC
5.5
4.0
40
µA
Vin = VCC or GND, Iout = 0
µA
Switching Characteristics
(CL = 50 pF, Input tr = tf = 6 ns)
Ta = 25°C
Ta = –40 to +85°C
Item
Symbol VCC (V)
Min
Typ
Max
Min
Max
Unit
Test Conditions
Maximum clock
frequency
fmax
4.5
30
24
MHz
tPLH
4.5
12
28
35
Propagation delay time
tPHL
4.5
15
28
35
ns
tZL
4.5
16
30
38
Output enable time
tZH
4.5
15
30
38
ns
tLZ
4.5
13
30
38
Output disable time
tHZ
4.5
16
30
38
ns
Setup time
tsu
4.5
20
2
25
ns
Data to clock
Hold time
th
4.5
5
0
6
ns
Clock to data
Pulse width
tw
4.5
16
5
20
ns
Clock, output control
Output rise/fall time
tTLH
tTHL
4.5
4
12
15
ns
Input capacitance
Cin
5
10
10
pF
Test Circuit
VCC
OPEN
GND
CL =
50 pF
OC
Zout = 50
1 k
VCC
VCC
VCC
S1
Pulse Generator
TEST
S1
tPLH / tPHL
OPEN
GND
tZH / tHZ
tZL / tLZ
1D to 8D
1Q to 8Q
or
1
Q to 8Q
Clock
Zout = 50
Pulse Generator
Note : 1. CL includes probe and jig capacitance.
Input
Output
Input


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn