Electronic Components Datasheet Search |
|
TAT6254C-EB Datasheet(PDF) 2 Page - TriQuint Semiconductor |
|
TAT6254C-EB Datasheet(HTML) 2 Page - TriQuint Semiconductor |
2 / 9 page TAT6254C Fiber To The Home RF Amplifier 47–1000 MHz Data Sheet: Rev A 09/14/2011 - 2 of 9 - Disclaimer: Subject to change without notice © 2011 TriQuint Semiconductor, Inc. Connecting the Digital World to the Global Network ® Specifications Absolute Maximum Ratings Parameter Rating Storage Temperature -60 to +150 oC Operating Temperature -40 to +85 oC Device Voltage,VDD +15 V Thermal Resistance (jnc. to case) jc 17 oC/W Operation of this device outside the parameter ranges given above may cause permanent damage. Recommended Operating Conditions Parameter Min Typ Max Units VDD 12 V TJ (for >10 6 hours MTTF) 150 oC Electrical specifications are measured at specified test conditions. Specifications are not guaranteed over all recommended operating conditions. Electrical Specifications (Per Applications Circuit Herein) Parameter Conditions Min Typical Max Units Operational Frequency Range 47 1000 MHz RF Gain at 553.25 MHz See Note 1. 33 dB Gain Flatness 1.0 dB Tilt See Note 2. 3 dB Equivalent Input Noise 3.9 pA/rtHz RF Output Level @ 55.25 MHz, Standard Output See Note 3. 18 19 dBmV/ch RF Output Level @55.25 MHz, High Output See Notes 3 & 5. 22 23 dBmV/ch Output Return Loss 16 dB CSO See Note 4. -63 dBc CTB See Note 4. -63 dBc Gain Control Range See Note 6. 33 dB Power Supply Current @ 12 V 120 mA Power Supply Current @ 5 V 200 mA 1) Gain = 20*log (Z/75) 2) From 54 MHz to 870 MHz; higher tilt possible 3) AGC using 3.3 %/ch output level fixed by external AGC 4) 80 channels analog NTSC 5) Uses output transformer 6) With suggested application circuit Optical Input and Triplexer Requirements Parameter Conditions Min Typical Max Units Optical Input Power -10 2 dBm Optical Modulation Index 3.3 %/ch Triplexer 1550 nm PIN Responsivity 0.9 mA/mW Triplexer 1550 nm PIN Capacitance 0.9 pF |
Similar Part No. - TAT6254C-EB |
|
Similar Description - TAT6254C-EB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |