Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TAT2801 Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # TAT2801
Description  75 CATV Output Stage Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

TAT2801 Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button TAT2801_15 Datasheet HTML 2Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 3Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 4Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 5Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 6Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 7Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 8Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 9Page - TriQuint Semiconductor TAT2801_15 Datasheet HTML 10Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
TAT2801
75 Ω CATV Output Stage Amplifier
Preliminary Datasheet: Rev. E 10-13-13
- 10 of 10 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Product Compliance Information
ESD Sensitivity Ratings
Caution! ESD-Sensitive Device
ESD Rating: Class 1B
Value:
Passes ≥ 500 V to < 1000 V
Test:
Human Body Model (HBM)
Standard:
JEDEC Standard JESD22-A114
ESD Rating: Class IV
Value:
Passes ≥ 1000 V
Test:
Charged Device Model (CDM)
Standard:
JEDEC Standard JESD22-C101
Solderability
Compatible with J-STD-020, Lead free solder, (260°
maximum reflow temperature) and tin/lead (245°C
maximum reflow temperature) soldering processes.
Contact plating: NiPdAu
RoHs Compliance
This part is compliant with EU 2002/95/EC RoHS
directive (Restrictions on the Use of Certain Hazardous
Substances in Electrical and Electronic Equipment).
This product also has the following attributes:
Lead Free
Halogen Free (Chlorine, Bromine)
Antimony Free
TBBP-A (C15H12Br402) Free
PFOS Free
SVHC Free
MSL Rating
MSL Rating: Level 3
Test:
260°C convection reflow
Standard:
JEDEC Standard IPC/JEDEC J-STD-020
Contact Information
For the latest specifications, additional product information, worldwide sales and distribution locations, and information
about TriQuint:
Web: www.triquint.com
Tel:
+1.503.615.9000
Email: info-sales@triquint.com
Fax:
+1.503.615.8902
For technical questions and application information:
Email: sjcapplications.engineering@triquint.com
Important Notice
The information contained herein is believed to be reliable. TriQuint makes no warranties regarding the information
contained herein. TriQuint assumes no responsibility or liability whatsoever for any of the information contained
herein. TriQuint assumes no responsibility or liability whatsoever for the use of the information contained herein. The
information contained herein is provided "AS IS, WHERE IS" and with all faults, and the entire risk associated with
such information is entirely with the user. All information contained herein is subject to change without notice.
Customers should obtain and verify the latest relevant information before placing orders for TriQuint products. The
information contained herein or any use of such information does not grant, explicitly or implicitly, to any party any
patent rights, licenses, or any other intellectual property rights, whether with regard to such information itself or
anything described by such information.
TriQuint products are not warranted or authorized for use as critical components in medical, life-saving, or life-
sustaining applications, or other applications where a failure would reasonably be expected to cause severe personal
injury or death.


Similar Part No. - TAT2801_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT2814A TRIQUINT-TAT2814A Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L-EB TRIQUINT-TAT2814A1L-EB Datasheet
720Kb / 11P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L-EB TRIQUINT-TAT2814A1L-EB Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
TAT2814A1L TRIQUINT-TAT2814A1L_15 Datasheet
711Kb / 12P
   DOCSIS 3.0 / Edge QAM Variable Gain Amplifier
More results

Similar Description - TAT2801_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
TAT8801A1H TRIQUINT-TAT8801A1H_15 Datasheet
1Mb / 10P
   75 CATV Output Stage Amplifier
TAT7464 TRIQUINT-TAT7464_15 Datasheet
507Kb / 6P
   CATV 75 HEMT Dual RF Amplifier
logo
Qorvo, Inc
QPB8858 QORVO-QPB8858 Datasheet
1Mb / 13P
   75 34dB CATV Amplifier 47 ??1218MHz
QPL1811 QORVO-QPL1811 Datasheet
1Mb / 11P
   75廓 CATV Amplifier 50 ??1800MHz
QPL1815 QORVO-QPL1815 Datasheet
1Mb / 10P
   75廓 CATV Amplifier 50 ??1800MHz
Oct 21 , 2020
QPA4425 QORVO-QPA4425 Datasheet
2Mb / 15P
   75 25dB CATV Amplifier 47 ??1218MHz
TAT7467E1F QORVO-TAT7467E1F Datasheet
614Kb / 13P
   CATV 75 pHEMT Dual RF Amplifier
logo
TriQuint Semiconductor
TAT7469 TRIQUINT-TAT7469_15 Datasheet
484Kb / 11P
   CATV 75 HEMT Dual RF Amplifier
QPB7464 TRIQUINT-QPB7464 Datasheet
1Mb / 11P
   CATV 75(ohm) pHEMT Dual RF Amplifier
logo
Qorvo, Inc
TAT7430B QORVO-TAT7430B Datasheet
378Kb / 7P
   CATV 75 pHEMT High Gain RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com