Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HA17339A Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HA17339A
Description  Quadruple Comparators
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HA17339A Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HA17339A_15 Datasheet HTML 6Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 7Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 8Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 9Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 10Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 11Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 12Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 13Page - Renesas Technology Corp HA17339A_15 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
HA17339A Series
Rev.3.00 Mar 10, 2006 page 8 of 14
−55
−15
45
85
125
45
40
35
30
25
20
15
10
5
0
Ambient Temperature Ta (
°C)
Output Sink Current vs.
Ambient Temperature Characteristics
−35
5
25
65
105
−55
−15
45
85
125
130
125
120
115
110
105
100
95
90
85
Ambient Temperature Ta (
°C)
Voltage Gain vs.
Ambient Temperature Characteristics
−35
5
25
65
105
010
20
30
40
30
25
20
15
10
5
0
Power-Supply Voltage VCC (V)
Output Sink Current vs.
Power-Supply Voltage Characteristics
010
20
30
40
130
120
110
100
90
80
70
Power-Supply Voltage VCC (V)
Voltage Gain vs.
Power-Supply Voltage Characteristics
VCC = 5 V
Vin(
−) = 1 V
Vin(+) = 0
Vout = 1.5 V
VCC = 5 V
RL = 15 kΩ
Ta = 25
°C
RL = 15 kΩ


Similar Part No. - HA17339A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339AF RENESAS-HA17339AF Datasheet
159Kb / 15P
   Quadruple Comparators
HA17339ARP RENESAS-HA17339ARP Datasheet
159Kb / 15P
   Quadruple Comparators
HA17339AT RENESAS-HA17339AT Datasheet
159Kb / 15P
   Quadruple Comparators
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
More results

Similar Description - HA17339A_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA17339A RENESAS-HA17339A Datasheet
159Kb / 15P
   Quadruple Comparators
HA17901 RENESAS-HA17901 Datasheet
282Kb / 13P
   Quadruple Comparators
logo
Panasonic Semiconductor
AN1339 PANASONIC-AN1339 Datasheet
44Kb / 3P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17339ATELL-E RENESAS-HA17339ATELL-E Datasheet
188Kb / 17P
   Quadruple Comparators
HA17901A RENESAS-HA17901A Datasheet
165Kb / 16P
   Quadruple Comparators
logo
Hitachi Semiconductor
HA17901 HITACHI-HA17901 Datasheet
79Kb / 16P
   Quadruple Comparators
logo
Renesas Technology Corp
HA17901A RENESAS-HA17901A_15 Datasheet
194Kb / 18P
   Quadruple Comparators
logo
Linear Dimensions Semic...
LND339 LINEAR_DIMENSIONS-LND339 Datasheet
124Kb / 5P
   Quadruple Differential Comparators
logo
Texas Instruments
TLC374 TI-TLC374_V01 Datasheet
1Mb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
TLC374 TI-TLC374 Datasheet
771Kb / 28P
[Old version datasheet]   LinCMOS QUADRUPLE DIFFERENTIAL COMPARATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com