Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1G6001528-Q3 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # T1G6001528-Q3
Description  DC 6 GHz 18 W GaN RF Power Transistor
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G6001528-Q3 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button T1G6001528-Q3_15 Datasheet HTML 3Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 4Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 9Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 10Page - TriQuint Semiconductor T1G6001528-Q3_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
T1G6001528-Q3
DC – 6 GHz 18 W GaN RF Power Transistor
Preliminary Data Sheet: Rev - A 06/14/2011
-
7 of 15-
Disclaimer: Subject to change without notice
© 2011 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network®
Typical Performance (cont.)
Performance is measured at DUT reference plane
26
28
30
32
34
36
38
40
42
44
16
17
18
19
20
21
22
23
24
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=1GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 6.95 + j12.03
Ω
Z
L
= 15.09 - j1.19
Ω
26
28
30
32
34
36
38
40
42
44
14
15
16
17
18
19
20
21
22
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=2GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 3.17 + j2.69
Ω
Z
L
= 13.00 - j0.51
Ω
26
28
30
32
34
36
38
40
42
44
10
11
12
13
14
15
16
17
18
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=3GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 2.85 - j1.71
Ω
Z
L
= 8.34 - j5.73
Ω
26
28
30
32
34
36
38
40
42
44
10
11
12
13
14
15
16
17
18
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=4GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 3.38 - j9.21
Ω
Z
L
= 9.35 - j7.76
Ω
26
28
30
32
34
36
38
40
42
44
6
7
8
9
10
11
12
13
14
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=5GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 5.18 - j16.49
Ω
Z
L
= 10.23 - j10.41
Ω
26
28
30
32
34
36
38
40
42
44
6
7
8
9
10
11
12
13
14
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
26
28
30
32
34
36
38
40
42
44
0
10
20
30
40
50
60
70
80
Pout [dBm]
Gain, DEff., and PAE vs. Pout
Freq.=6GHz, V
DS
=28V, I
DQ
=50mA; CW
Gain
DEff.
PAE
Z
S
= 4.24 - j16.89
Ω
Z
L
= 20.68 - j18.80
Ω


Similar Part No. - T1G6001528-Q3_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3EVB1 TRIQUINT-T1G6001528-Q3EVB1 Datasheet
830Kb / 4P
   55W, 28V, DC ??3.5GHz, GaN RF Power Transistor
More results

Similar Description - T1G6001528-Q3_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
logo
Qorvo, Inc
T2G6003028-FS QORVO-T2G6003028-FS_V01 Datasheet
2Mb / 20P
   30 W, 28V DC ??6 GHz, GaN RF Power Transistor
August 2021
T2G6003028-FL QORVO-T2G6003028-FL Datasheet
2Mb / 21P
   30 W, 28V DC – 6 GHz, GaN RF Power Transistor
May 2021
QPD0020 QORVO-QPD0020 Datasheet
1Mb / 11P
   35 W, 48 V, DC ??6 GHz, GaN RF Power Transistor
logo
WOLFSPEED, INC.
CG2H40035 WOLFSPEED-CG2H40035 Datasheet
2Mb / 21P
   35 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 1.0, 2022-7-7
logo
Cree, Inc
CG2H40010 CREE-CG2H40010 Datasheet
2Mb / 14P
   10 W, DC - 6 GHz, RF Power GaN HEMT
logo
WOLFSPEED, INC.
CGH40010 WOLFSPEED-CGH40010 Datasheet
1Mb / 16P
   10 W, DC - 6 GHz, RF Power GaN HEMT
Rev. 4.4, 2022-10-28
logo
Cree, Inc
CGHV1F006S CREE-CGHV1F006S Datasheet
5Mb / 22P
   6 W, DC - 18 GHz, 40V, GaN HEMT
logo
TriQuint Semiconductor
T2G6003028-FS TRIQUINT-T2G6003028-FS_15 Datasheet
778Kb / 13P
   30W, 28V DC 6 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com