Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T1G4020036-FS Datasheet(PDF) 17 Page - TriQuint Semiconductor

Part No. T1G4020036-FS
Description  2 x 120W Peak Power, 2 x24W Average Power, 36V DC 3.5 GHz, GaN RF Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

T1G4020036-FS Datasheet(HTML) 17 Page - TriQuint Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 17 / 21 page
background image
T1G4020036-FS
2 x 120W Peak Power, 2 x24W Average Power,
36V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 11-24-14
- 17 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Evaluation Board Layout
Top RF layer is 0.020” thick Rogers RO4350B, ɛr = 3.48. The pad pattern shown has been developed and tested for optimized
assembly at TriQuint Semiconductor. The PCB land pattern has been developed to accommodate lead and package tolerances.
Bill of Materials
Reference Design
Value
Qty
Manufacturer
Part Number
C4, C5
10uF, 6.3V
2
TDK
C1632X5R0J106M130AC
C10, C11
1uF, 50V
2
AVX
18121C105KAT2A
C12, C13
220uF, 50V
2
United Chemi-Con
EMVY500ADA221MJA0G
C8, C9
2.7pF
2
ATC
600F2R7AT250X
C2, C3
5.6pF
2
ATC
600S5R6AT250X
C1
1.6pF
1
ATC
600S1R6AT250X
C14
0.8pF
1
ATC
600S0R8AT250X
C6, C7
0.5pF
2
ATC
600S0R5AT250X
R3, R4
10Ohms
2
Vishay
CRCW060310R0FKEA
R1, R2
0.001Ohms
2
Stackpole Electronics
CSNL1206FT1L00
L1, L2
22nH
2
Coilcraft
0805CS-220X_L
L3, L4
6.6nH
2
Coilcraft
GA3093
Connectors
SMA
2
Gigalane
1101055


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn