Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T1G4020036-FS Datasheet(PDF) 14 Page - TriQuint Semiconductor

Part No. T1G4020036-FS
Description  2 x 120W Peak Power, 2 x24W Average Power, 36V DC 3.5 GHz, GaN RF Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

T1G4020036-FS Datasheet(HTML) 14 Page - TriQuint Semiconductor

Zoom Inzoom in Zoom Outzoom out
 14 / 21 page
background image
T1G4020036-FS
2 x 120W Peak Power, 2 x24W Average Power,
36V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 11-24-14
- 14 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
EVB Performance Over Temperature (1, 2)
Performance measured in TriQuint’s 2.9 GHz to 3.3 GHz Evaluation Board at 3 dB compression.
Notes:
1.
Test Conditions: VDS = 36 V, IDQ = 520 mA
2.
Test Signal: Pulse Width = 100 µs, Duty Cycle = 20%
180
190
200
210
220
230
240
250
260
2.7
2.8
2.9
3
3.1
3.2
3.3
Frequency [GHz]
P3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
55°C
85°C
8
9
10
11
12
13
14
15
16
2.7
2.8
2.9
3
3.1
3.2
3.3
Frequency [GHz]
G3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
55°C
85°C
30
32
34
36
38
40
42
44
46
48
50
2.7
2.8
2.9
3
3.1
3.2
3.3
Frequency [GHz]
PAE3dB vs. Frequency vs. Temperature
-40°C
-20°C
0°C
25°C
55°C
85°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn