Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

T1G4020036-FS Datasheet(PDF) 11 Page - TriQuint Semiconductor

Part No. T1G4020036-FS
Description  2 x 120W Peak Power, 2 x24W Average Power, 36V DC 3.5 GHz, GaN RF Power Transistor
Download  21 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TRIQUINT [TriQuint Semiconductor]
Homepage  http://www.triquint.com
Logo 

T1G4020036-FS Datasheet(HTML) 11 Page - TriQuint Semiconductor

Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
T1G4020036-FS
2 x 120W Peak Power, 2 x24W Average Power,
36V DC – 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 11-24-14
- 11 of 21 -
Disclaimer: Subject to change without notice
© 2014 TriQuint
www.triquint.com
Typical Performance(1,2)
1.
Only half of the device was tested. Impedances were presented at device reference planes.
2.
Drive-up condition: Vds = 36V, Idq = 260mA, Pulsed: 100uS pulse width, 20% duty cycle
10
15
20
25
30
35
40
45
50
55
60
10
11
12
13
14
15
16
17
18
19
20
39 40 41 42 43 44 45 46 47 48 49 50 51 52
Pout [dBm]
T1G4020036 Gain and PAE vs. Pout
Zs = 12.1-j9.87
Ω
Zl = 2.84-j3.11Ω
2.9GHz; Vds = 36V; Idq = 260mA; Pulse: 100us, 20%; Power Tuned
20
25
30
35
40
45
50
55
60
65
70
10
11
12
13
14
15
16
17
18
19
20
40
41
42
43
44
45
46
47
48
49
50
51
Pout [dBm]
T1G4020036 Gain and PAE vs. Pout
Zs = 12.1-j9.87
Ω
Zl = 2.09-j1.37Ω
2.9GHz; Vds = 36V; Idq = 260mA; Pulse: 100us, 20%; Efficiency Tuned
10
15
20
25
30
35
40
45
50
55
60
10
11
12
13
14
15
16
17
18
19
20
39 40 41 42 43 44 45 46 47 48 49 50 51 52
Pout [dBm]
T1G4020036 Gain and PAE vs. Pout
Zs = 7.27-j5.11
Ω
Zl = 2.50-j2.05Ω
2.7GHz; Vds = 36V; Idq = 260mA; Pulse: 100us, 20%; Power Tuned
20
25
30
35
40
45
50
55
60
65
70
10
11
12
13
14
15
16
17
18
19
20
40
41
42
43
44
45
46
47
48
49
50
51
Pout [dBm]
T1G4020036 Gain and PAE vs. Pout
Zs = 7.27-j5.11
Ω
Zl = 2.36-j0.65Ω
2.7GHz; Vds = 36V; Idq = 260mA; Pulse: 100us, 20%; Efficiency Tuned


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn