Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1G4012036-FL Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # T1G4012036-FL
Description  120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4012036-FL Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button T1G4012036-FL_15 Datasheet HTML 3Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 4Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 9Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 10Page - TriQuint Semiconductor T1G4012036-FL_15 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
T1G4012036-FL
120W Peak Power, 24W Average Power,
36V DC
– 3.5 GHz, GaN RF Power Transistor
Datasheet: Rev B 02-24-15
- 7 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Performance Over Temperature (1, 2)
Performance measured in
TriQuint’s 3.1 GHz to 3.5 GHz Evaluation Board at 3 dB compression.
Notes:
1. Test Conditions: VDS = 36 V, IDQ = 360 mA
2. Test Signal: Pulse Width = 100 µs, Duty Cycle = 20%


Similar Part No. - T1G4012036-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4012036-FS TRIQUINT-T1G4012036-FS Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FSEVB1 TRIQUINT-T1G4012036-FSEVB1 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4012036-FL_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FL TRIQUINT-T1G4020036-FL_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G2028536-FS TRIQUINT-T1G2028536-FS_15 Datasheet
980Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
logo
TriQuint Semiconductor
TGF2929-FS TRIQUINT-TGF2929-FS_15 Datasheet
3Mb / 21P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com