Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1G4003532-FL-EVB1 Datasheet(PDF) 7 Page - TriQuint Semiconductor

Part # T1G4003532-FL-EVB1
Description  35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G4003532-FL-EVB1 Datasheet(HTML) 7 Page - TriQuint Semiconductor

Back Button T1G4003532-FL-EVB1 Datasheet HTML 3Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 4Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 5Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 6Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 7Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 8Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 9Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 10Page - TriQuint Semiconductor T1G4003532-FL-EVB1 Datasheet HTML 11Page - TriQuint Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
T1G4003532-FL
35W, 32V, DC – 3.5 GHz, GaN RF Power Transistor
Data Sheet: Rev A 10/18/2012
- 7 of 13 -
Disclaimer: Subject to change without notice
© 2012 TriQuint Semiconductor, Inc.
Connecting the Digital World to the Global Network
®
Evaluation Board Performance: 2.7 to 3.5 GHz
Output Power and Gain at 3 dB Compression
VDS = 32 V, IDQ = 150 mA; Pulse: 100 µsec, 20%
Drain Efficiency and Power Added Efficiency at 3 dB Compression
VDS = 32 V, IDQ = 150 mA; Pulse: 100 µsec, 20%
4.00
6.00
8.00
10.00
12.00
14.00
16.00
18.00
20.00
15.00
20.00
25.00
30.00
35.00
40.00
45.00
50.00
55.00
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
Frequency (GHz)
Power (W)
Gain (dB)
35
40
45
50
55
60
65
2.70
2.80
2.90
3.00
3.10
3.20
3.30
3.40
3.50
Frequency (GHz)
Drain Eff. (%)
PAE (%)


Similar Part No. - T1G4003532-FL-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4003532-FL-EVB1 TRIQUINT-T1G4003532-FL-EVB1 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
More results

Similar Description - T1G4003532-FL-EVB1

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G4003532-FS TRIQUINT-T1G4003532-FS_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G4004532-FL TRIQUINT-T1G4004532-FL_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T1G4004532-FS TRIQUINT-T1G4004532-FS_15 Datasheet
1Mb / 13P
   45W, 32V DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FS TRIQUINT-T2G4003532-FS_15 Datasheet
984Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
T1G6001032-SM TRIQUINT-T1G6001032-SM_15 Datasheet
1Mb / 13P
   10W, 32V, DC 6 GHz, GaN RF Power Transistor
logo
Qorvo, Inc
QPD1022 QORVO-QPD1022 Datasheet
2Mb / 22P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
February 2022
logo
TriQuint Semiconductor
T1G3000532-SM TRIQUINT-T1G3000532-SM_15 Datasheet
1Mb / 21P
   5W, 32V, 0.03 ??3.5 GHz, GaN RF Input-Matched Transistor
QPD1022 TRIQUINT-QPD1022 Datasheet
2Mb / 23P
   10W, 32V, DC ??12 GHz, GaN RF Transistor
logo
Qorvo, Inc
TGF2929-HM QORVO-TGF2929-HM Datasheet
1Mb / 19P
   100W, 28V, DC ??3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com