Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T1G2028536-FS Datasheet(PDF) 10 Page - TriQuint Semiconductor

Part # T1G2028536-FS
Description  285W, 36V DC ??2 GHz, GaN RF Power Transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

T1G2028536-FS Datasheet(HTML) 10 Page - TriQuint Semiconductor

Back Button T1G2028536-FS_15 Datasheet HTML 5Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 6Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 7Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 8Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 9Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 10Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 11Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 12Page - TriQuint Semiconductor T1G2028536-FS_15 Datasheet HTML 13Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
T1G2028536-FS
285W, 36V DC – 2 GHz, GaN RF Power Transistor
Datasheet: Rev A 10-17-13
- 10 of 13 -
Disclaimer: Subject to change without notice
© 2013 TriQuint
www.triquint.com
Pin Layout
Note:
The T1G2028536-FS will be marked with the “T1G2028536-FS” designator and a lot code marked below the part designator.
The “YY” represents the last two digits of the calendar year the part was manufactured, the “WW” is the work week of the
assembly lot start, the “MXXX” is the production lot number, and the “ZZZ” is an auto-generated serial number.
Pin Description
Pin
Symbol
Description
1
VD / RF OUT
Drain voltage / RF Output matched to 50 ohms; see EVB Layout on page 9 as an
example.
2
VG / RF IN
Gate voltage / RF Input matched to 50 ohms; see EVB Layout on page 9 as an
example.
3
Flange
Source connected to ground; see EVB Layout on page 9 as an example.
Notes:
Thermal resistance measured to bottom of package


Similar Part No. - T1G2028536-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FL TRIQUINT-T1G2028536-FL Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FLEVB1 TRIQUINT-T1G2028536-FLEVB1 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
More results

Similar Description - T1G2028536-FS_15

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
T1G2028536-FL TRIQUINT-T1G2028536-FL_15 Datasheet
982Kb / 13P
   285W, 36V DC ??2 GHz, GaN RF Power Transistor
T1G4020036-FL TRIQUINT-T1G4020036-FL_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4020036-FS TRIQUINT-T1G4020036-FS_15 Datasheet
1Mb / 21P
   2 x 120W Peak Power, 2 x24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FL TRIQUINT-T1G4012036-FL_15 Datasheet
993Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G4012036-FS TRIQUINT-T1G4012036-FS_15 Datasheet
987Kb / 13P
   120W Peak Power, 24W Average Power, 36V DC ??3.5 GHz, GaN RF Power Transistor
T1G6001528-Q3 TRIQUINT-T1G6001528-Q3 Datasheet
487Kb / 15P
   DC ??6 GHz 18 W GaN RF Power Transistor
T1G6003028-FS TRIQUINT-T1G6003028-FS Datasheet
1Mb / 13P
   30W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G6000528-Q3 TRIQUINT-T1G6000528-Q3 Datasheet
1Mb / 16P
   7W, 28V, DC ??6 GHz, GaN RF Power Transistor
T1G4003532-FL TRIQUINT-T1G4003532-FL_15 Datasheet
1Mb / 13P
   35W, 32V, DC ??3.5 GHz, GaN RF Power Transistor
T2G4003532-FL TRIQUINT-T2G4003532-FL_15 Datasheet
990Kb / 13P
   30W, 32V DC 3.5 GHz, GaN RF Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com