Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMY212 Datasheet(PDF) 1 Page - TriQuint Semiconductor

Part # CMY212
Description  Ultra-linear Mixer with Integrated IF Amp and LO Buffer
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIQUINT [TriQuint Semiconductor]
Direct Link  http://www.triquint.com
Logo TRIQUINT - TriQuint Semiconductor

CMY212 Datasheet(HTML) 1 Page - TriQuint Semiconductor

  CMY212 Datasheet HTML 1Page - TriQuint Semiconductor CMY212 Datasheet HTML 2Page - TriQuint Semiconductor CMY212 Datasheet HTML 3Page - TriQuint Semiconductor CMY212 Datasheet HTML 4Page - TriQuint Semiconductor CMY212 Datasheet HTML 5Page - TriQuint Semiconductor CMY212 Datasheet HTML 6Page - TriQuint Semiconductor CMY212 Datasheet HTML 7Page - TriQuint Semiconductor CMY212 Datasheet HTML 8Page - TriQuint Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
CMY212
Datasheet
2
Mixer
LO in
GND
IF amp
in
Mixer
VDD
CMY212
GND
Mixer
RF in
IF out
IF amp
out
IF amp
Source
1
8
6
7
5
4
3
Features
• Typical overall performance at cellular
frequencies (for PLO = -4dBm operation
conditions: 3V, 11 mA; fRF = 881 MHz;
fLO = 966 MHz):
o
Gain 10 dB
o
Input IP3 9 dBm
o
Noise figure 8 dB
• RF-frequency range 0.5 - 2.5 GHz
• Operating voltage range: 2.6 to 5V
• Small SCT598 plastic package
Ultra-linear Mixer with Integrated IF Amp and LO Buffer
Description
CMY212 is a general purpose down-converter
device designed for multiple applications such
as cellular and PCS mobile phones, ISM
bands,
GPS
receivers,
L-band
satellite
terminals, WLAN and pagers. Due to its
excellent intermodulation characteristics and
its
high
conversion
gain,
CMY212
is
particularly
suited
for
CDMA
receiver
applications.
The device combines an ultra-linear mixer
with LO - driver and a single stage IF-amplifier
in a very small SCT598 package. The mixer
section of CMY212 combines low conversion
losses
and
excellent
intermodulation
characteristics with low requirements of LO -
and DC-power. The internal level controlled
LO-Buffer enables a good performance over a
wide LO level range. The input and output
matching of the IF amplifier can be adapted
externally within a frequency range from 45 to
250 MHz.
Applications
Down Converter for
Multiple Wireless
Applications
• Cellular and PCS
Mobile Phones
• Particularly Suited for
CDMA Receivers
ISM and WLAN
Receivers
• GPS Receivers
Package Outline and Pin
Configuration,
SCT598
For additional information and latest specifications, see our website: www.triquint.com
2
Revision C, September 12, 2006


Similar Part No. - CMY212

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
More results

Similar Description - CMY212

ManufacturerPart #DatasheetDescription
logo
TriQuint Semiconductor
CMY213 TRIQUINT-CMY213_15 Datasheet
286Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY212 TRIQUINT-CMY212 Datasheet
166Kb / 8P
   Ultra-linear Mixer with Integrated IF Amp and LO Buffer
CMY210 TRIQUINT-CMY210_15 Datasheet
251Kb / 9P
   Ultra-Linear Mixer with Integrated LO Buffer
logo
M/A-COM Technology Solu...
XR1011-QH MA-COM-XR1011-QH_16 Datasheet
871Kb / 8P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1020-QH MA-COM-XR1020-QH Datasheet
795Kb / 7P
   Integrated LNA, Mixer and LO Buffer Amplifier
XR1015-QH MA-COM-XR1015-QH_16 Datasheet
1Mb / 10P
   Integrated LNA, Mixer and LO Buffer Amplifier
logo
Guerrilla RF, Inc.
GRF7001 GUERRILLA-GRF7001 Datasheet
1Mb / 13P
   High Linearity Mixer with Integrated LO Buffer
05/27/21
logo
Analog Devices
ADL5360 AD-ADL5360 Datasheet
479Kb / 9P
   Dual 900MHz Balanced Mixer with Low Side LO Buffer, IF Amp, and RF Balun
REV. PrA
logo
TriQuint Semiconductor
ML483 TRIQUINT-ML483 Datasheet
486Kb / 8P
   0.7-10GHz HIgh IP3 Mixer with Integrated LO AMP
logo
Texas Instruments
TRF37A32 TI1-TRF37A32 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Down Converter Mixer With Integrated IF AMP
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com